Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA350B Datasheet(PDF) 13 Page - STMicroelectronics

Part # STA350B
Description  2.1-channel high-efficiency digital audio system Sound TerminalR
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA350B Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STA350B Datasheet HTML 9Page - STMicroelectronics STA350B Datasheet HTML 10Page - STMicroelectronics STA350B Datasheet HTML 11Page - STMicroelectronics STA350B Datasheet HTML 12Page - STMicroelectronics STA350B Datasheet HTML 13Page - STMicroelectronics STA350B Datasheet HTML 14Page - STMicroelectronics STA350B Datasheet HTML 15Page - STMicroelectronics STA350B Datasheet HTML 16Page - STMicroelectronics STA350B Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 94 page
background image
DocID018572 Rev 7
13/94
STA350B, STA350BW
Description
94
1.1
Block diagram
Figure 1. Block diagram
Pro tection
cur re nt/the rm al
Log ic
R egulat ors
Bias
Pow er
co ntro l
FFX
PLL
Vo lu me
contr ol
Chan nel
1A
Chann el
1B
Ch anne l
2A
Chann el
2B
I
2
S
in ter fa ce
Po wer
Dig ita l DSP
I
2
C
AM045167v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com