Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA350B Datasheet(PDF) 48 Page - STMicroelectronics

Part # STA350B
Description  2.1-channel high-efficiency digital audio system Sound TerminalR
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA350B Datasheet(HTML) 48 Page - STMicroelectronics

Back Button STA350B Datasheet HTML 44Page - STMicroelectronics STA350B Datasheet HTML 45Page - STMicroelectronics STA350B Datasheet HTML 46Page - STMicroelectronics STA350B Datasheet HTML 47Page - STMicroelectronics STA350B Datasheet HTML 48Page - STMicroelectronics STA350B Datasheet HTML 49Page - STMicroelectronics STA350B Datasheet HTML 50Page - STMicroelectronics STA350B Datasheet HTML 51Page - STMicroelectronics STA350B Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 94 page
background image
Register description
STA350B, STA350BW
48/94
DocID018572 Rev 7
8.5.8
Soft-volume update enable
8.6
Configuration register F (addr 0x05)
8.6.1
Output configuration
Table 42. Soft-volume update enable
Bit
R/W
RST
Name
Description
7
R/W
1
SVE
1: Volume adjustments ramp according to SVR settings
0: Volume adjustments occur immediately
D7
D6
D5
D4
D3
D2
D1
D0
EAPD
PWDN
ECLE
LDTE
BCLE
IDE
OCFG1
OCFG0
0101
1100
Table 43. Output configuration
Bit
R/W
RST
Name
Description
0R/W
0
OCFG0
Selects the output configuration
1R/W
0
OCFG1
Table 44. Output configuration engine selection
OCFG[1:0]
Output configuration
Config pin
00
2-channel (full-bridge) power, 2-channel data-out:
1A/1B
→ 1A/1B
2A/2B
→ 2A/2B
LineOut1
→ 3A/3B
LineOut2
→ 4A/4B
Line out configuration determined by LOC register
0
01
2(half-bridge).1(full-bridge) on-board power:
1A
→ 1A
Binary 0 °
2A
→ 1B
Binary 90 °
3A/3B
→ 2A/2B Binary 45 °
1A/B
→ 3A/B
Binary 0 °
2A/B
→ 4A/B
Binary 90 °
0
10
2 Channel (full-bridge) power, 1 channel FFX:
1A/1B
→ 1A/1B
2A/2B
→ 2A/2B
3A/3B
→ 3A/3B
EAPDEXT and TWARNEXT Active
0
11
1 Channel mono-parallel:
3A
→ 1A/1B
w/ C3BO 45 °
3B
→ 2A/2B
w/ C3BO 45 °
1A/1B
→ 3A/3B
2A/2B
→ 4A/4B
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com