Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA350B Datasheet(PDF) 55 Page - STMicroelectronics

Part # STA350B
Description  2.1-channel high-efficiency digital audio system Sound TerminalR
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA350B Datasheet(HTML) 55 Page - STMicroelectronics

Back Button STA350B Datasheet HTML 51Page - STMicroelectronics STA350B Datasheet HTML 52Page - STMicroelectronics STA350B Datasheet HTML 53Page - STMicroelectronics STA350B Datasheet HTML 54Page - STMicroelectronics STA350B Datasheet HTML 55Page - STMicroelectronics STA350B Datasheet HTML 56Page - STMicroelectronics STA350B Datasheet HTML 57Page - STMicroelectronics STA350B Datasheet HTML 58Page - STMicroelectronics STA350B Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 94 page
background image
DocID018572 Rev 7
55/94
STA350B, STA350BW
Register description
94
to power down the power-stage, then the master clock to all internal hardware except the
I2C block is gated. This places the IC in a very low power consumption state.
8.6.7
External amplifier power-down
The EAPD register directly disables/enables the internal power circuitry.
When EAPD = 0, the internal power section is placed in a low-power state (disabled). This
register also controls the FFX4B/EAPD output pin when OCFG = 10.
8.7
Volume control registers (addr 0x06 - 0x0A)
8.7.1
Mute/line output configuration register
Line output is active when OCFG = 00 only. In this case LOC determines the line output
configuration. The source of the line output is always the channel 1 and 2 inputs.
8.7.2
Master volume register
8.7.3
Channel 1 volume
Table 50. External amplifier power-down
Bit
R/W
RST
Name
Description
7
R/W
0
EAPD
0: External power stage power down active
1: Normal operation
D7
D6
D5
D4
D3
D2
D1
D0
LOC1
LOC0
Reserved
Reserved
C3M
C2M
C1M
MMUTE
0000
0000
Table 51. Line output configuration
LOC[1:0]
Line output configuration
00
Line output fixed - no volume, no EQ
01
Line output variable - CH3 volume effects line output, no EQ
10
Line output variable with EQ - CH3 volume effects line output
D7
D6
D5
D4
D3
D2
D1
D0
MV7MV6
MV5MV4
MV3
MV2
MV1MV0
1111
1111
D7
D6
D5
D4
D3
D2
D1
D0
C1V7
C1V6
C1V5
C1V4
C1V3
C1V2
C1V1
C1V0
0110
0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com