Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA350B Datasheet(PDF) 17 Page - STMicroelectronics

Part # STA350B
Description  2.1-channel high-efficiency digital audio system Sound TerminalR
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA350B Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STA350B Datasheet HTML 13Page - STMicroelectronics STA350B Datasheet HTML 14Page - STMicroelectronics STA350B Datasheet HTML 15Page - STMicroelectronics STA350B Datasheet HTML 16Page - STMicroelectronics STA350B Datasheet HTML 17Page - STMicroelectronics STA350B Datasheet HTML 18Page - STMicroelectronics STA350B Datasheet HTML 19Page - STMicroelectronics STA350B Datasheet HTML 20Page - STMicroelectronics STA350B Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 94 page
background image
DocID018572 Rev 7
17/94
STA350B, STA350BW
Electrical specifications
94
3.3
Recommended operating conditions
3.4
Electrical specifications for the digital section
Table 4. Recommended operating conditions
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vcc
Power supply voltage (VCCxA, VCCxB)
5
26
V
VDD_DIG Digital supply voltage
2.7
3.3
3.6
V
VDD_PLL PLL supply voltage
2.7
3.3
3.6
V
Tamb
Ambient temperature
-20
+85
°C
Table 5. Electrical specifications - digital section
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Iil
Low-level input current without
pull-up/down device
Vi = 0 V
1
5
µA
Iih
High-level input current without
pull-up/down device
Vi = VDD_DIG
=3.6 V
15
µA
Vil
Low-level input voltage
0.2 *
VDD_DIG
V
Vih
High-level input voltage
0.8 *
VDD_DIG
V
Vol
Low-level output voltage
Iol=2 mA
0.4 *
VDD_DIG
V
Voh
High-level output voltage
Ioh=2 mA
0.8 *
VDD_DIG
V
Ipu
Pull-up/down current
25
66
125
µA
Rpu
Equivalent pull-up/down
resistance
50
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com