Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA350B Datasheet(PDF) 47 Page - STMicroelectronics

Part # STA350B
Description  2.1-channel high-efficiency digital audio system Sound TerminalR
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA350B Datasheet(HTML) 47 Page - STMicroelectronics

Back Button STA350B Datasheet HTML 43Page - STMicroelectronics STA350B Datasheet HTML 44Page - STMicroelectronics STA350B Datasheet HTML 45Page - STMicroelectronics STA350B Datasheet HTML 46Page - STMicroelectronics STA350B Datasheet HTML 47Page - STMicroelectronics STA350B Datasheet HTML 48Page - STMicroelectronics STA350B Datasheet HTML 49Page - STMicroelectronics STA350B Datasheet HTML 50Page - STMicroelectronics STA350B Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 94 page
background image
DocID018572 Rev 7
47/94
STA350B, STA350BW
Register description
94
8.5.3
Noise-shaper bandwidth selection
8.5.4
AM mode enable
The STA350Bx features an FFX processing mode that minimizes the amount of noise
generated in the frequency range of AM radio. This mode is intended to be used when FFX
operates in a device with an AM tuner active. The SNR of the FFX processing is reduced to
approximately 83 dB in this mode, which is still greater than the SNR of AM radio.
8.5.5
PWM speed mode
8.5.6
Distortion compensation variable enable
8.5.7
Zero-crossing volume enable
The ZCE bit enables zero-crossing volume adjustments. When volume is adjusted on digital
zero-crossings, no clicks are audible.
Table 37. Noise-shaper bandwidth selection
Bit
R/W
RST
Name
Description
2
R/W
0
NSBW
1: Third order NS
0: Fourth order NS
Table 38. AM mode enable
Bit
R/W
RST
Name
Description
3R/W
0
AME
0: Normal FFX operation
1: AM reduction mode FFX operation
Table 39. PWM speed mode
Bit
R/W
RST
Name
Description
4R/W
0
PWMS
0: Normal speed (384 kHz) all channels
1: Odd speed (341.3 kHz) all channels
Table 40. Distortion compensation variable enable
Bit
R/W
RST
Name
Description
5
R/W
0
DCCV
0: Use preset DC coefficient
1: Use DCC coefficient
Table 41. Zero-crossing volume enable
Bit
R/W
RST
Name
Description
6R/W
1
ZCE
1: Volume adjustments only occur at digital zero-crossings
0: Volume adjustments occur immediately



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com