Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA350B Datasheet(PDF) 32 Page - STMicroelectronics

Part # STA350B
Description  2.1-channel high-efficiency digital audio system Sound TerminalR
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA350B Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STA350B Datasheet HTML 28Page - STMicroelectronics STA350B Datasheet HTML 29Page - STMicroelectronics STA350B Datasheet HTML 30Page - STMicroelectronics STA350B Datasheet HTML 31Page - STMicroelectronics STA350B Datasheet HTML 32Page - STMicroelectronics STA350B Datasheet HTML 33Page - STMicroelectronics STA350B Datasheet HTML 34Page - STMicroelectronics STA350B Datasheet HTML 35Page - STMicroelectronics STA350B Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 94 page
background image
I2C bus specification
STA350B, STA350BW
32/94
DocID018572 Rev 7
the device address and if a match is found, it acknowledges the identification on the SDA
bus during the 9th bit time. The byte following the device identification byte is the internal
space address.
7.3
Write operation
Following the START condition the master sends a device select code with the RW bit set
to 0. The STA350Bx acknowledges this and then writes the byte of the internal address.
After receiving the internal byte address the STA350Bx again responds with an
acknowledgment.
7.3.1
Byte write
In the byte write mode the master sends one data byte, which is acknowledged by the
STA350Bx. The master then terminates the transfer by generating a STOP condition.
7.3.2
Multi-byte write
The multi-byte write modes can start from any internal address. The master generating a
STOP condition terminates the transfer.
7.4
Read operation
7.4.1
Current address byte read
Following the START condition the master sends a device select code with the RW bit set
to 1. The STA350Bx acknowledges this and then responds by sending one byte of data. The
master then terminates the transfer by generating a STOP condition.
7.4.2
Current address multi-byte read
The multi-byte read modes can start from any internal address. Sequential data bytes are
read from sequential addresses within the STA350Bx. The master acknowledges each data
byte read and then generates a STOP condition, terminating the transfer.
7.4.3
Random address byte read
Following the START condition the master sends a device select code with the RW bit set
to 0. The STA350Bx acknowledges this and then the master writes the internal address
byte. After receiving the internal byte address, the STA350Bx again responds with an
acknowledgement. The master then initiates another START condition and sends the device
select code with the RW bit set to 1. The STA350Bx acknowledges this and then responds
by sending one byte of data. The master then terminates the transfer by generating a STOP
condition.
7.4.4
Random address multi-byte read
The multi-byte read modes can start from any internal address. Sequential data bytes are
read from sequential addresses within the STA350Bx. The master acknowledges each data
byte read and then generates a STOP condition, terminating the transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com