Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA350B Datasheet(PDF) 43 Page - STMicroelectronics

Part # STA350B
Description  2.1-channel high-efficiency digital audio system Sound TerminalR
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA350B Datasheet(HTML) 43 Page - STMicroelectronics

Back Button STA350B Datasheet HTML 39Page - STMicroelectronics STA350B Datasheet HTML 40Page - STMicroelectronics STA350B Datasheet HTML 41Page - STMicroelectronics STA350B Datasheet HTML 42Page - STMicroelectronics STA350B Datasheet HTML 43Page - STMicroelectronics STA350B Datasheet HTML 44Page - STMicroelectronics STA350B Datasheet HTML 45Page - STMicroelectronics STA350B Datasheet HTML 46Page - STMicroelectronics STA350B Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 94 page
background image
DocID018572 Rev 7
43/94
STA350B, STA350BW
Register description
94
8.3
Configuration register C (addr 0x02)
8.3.1
FFX power output mode
The FFX power output mode selects how the FFX output timing is configured.
Different power devices use different output modes.
8.3.2
FFX compensating pulse size register
Table 6:
D7
D6
D5
D4
D3
D2
D1
D0
OCRB
CSZ3
CSZ2
CSZ1
CSZ0
OM1
OM0
1
0
1
1111
Table 22. FFX power output mode
Bit
R/W
RST
Name
Description
0R/W
1
OM0
Selects configuration of FFX output
1R/W
1
OM1
Table 23. Output modes
OM[1,0]
Output stage mode
00
Drop compensation
01
Discrete output stage - tapered compensation
10
Full power mode
11
Variable drop compensation (CSZx bits)
Table 24. FFX compensating pulse size bits
Bit
R/W
RST
Name
Description
2
R/W
1
CSZ0
When OM[1,0] = 11, this register determines the size
of the FFX compensating pulse from 0 clock ticks to
15 clock ticks
3
R/W
1
CSZ1
4
R/W
1
CSZ2
5
R/W
0
CSZ3
Table 25. Compensating pulse size
CSZ[3:0]
Compensating pulse size
0000
0 ns (0 tick) compensating pulse size
0001
20 ns (1 tick) clock period compensating pulse size
……
1111
300 ns (15 tick) clock period compensating pulse size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com