Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA350B Datasheet(PDF) 82 Page - STMicroelectronics

Part # STA350B
Description  2.1-channel high-efficiency digital audio system Sound TerminalR
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA350B Datasheet(HTML) 82 Page - STMicroelectronics

Back Button STA350B Datasheet HTML 78Page - STMicroelectronics STA350B Datasheet HTML 79Page - STMicroelectronics STA350B Datasheet HTML 80Page - STMicroelectronics STA350B Datasheet HTML 81Page - STMicroelectronics STA350B Datasheet HTML 82Page - STMicroelectronics STA350B Datasheet HTML 83Page - STMicroelectronics STA350B Datasheet HTML 84Page - STMicroelectronics STA350B Datasheet HTML 85Page - STMicroelectronics STA350B Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 94 page
background image
Register description
STA350B, STA350BW
82/94
DocID018572 Rev 7
Two different behaviors can be configured by the VRESTG bit:
•
If VRESTG=’0’ the CxVR contribution is applied immediately after the corresponding
I2C bits are written.
•
If VRESTG=’1’ the CxVR bits are effective on channel volume only after the
corresponding CxVol register or master volume register is written (even to the previous
values).
8.22
Quantization error noise correction (address 0x48)
A special feature inside the digital processing block is available. In case of poles positioned
at very low frequencies, biquad filters can generate some audible quantization noise or
unwanted DC level. In order to avoid this kind of effect, a quantization noise-shaping
capability can be used. The filter structure including this special feature, relative to each
biquad, is shown in Figure 35.
By default, this capability is not activated to maintain backward compatibility with all the
previous Sound Terminal products. The new feature can be enabled independently for each
biquad using the I2C registers. The D7 bit, when set, is responsible for activating this
function on the crossover filter while the other bits address any specific biquads according to
the previous table. Channels 1 and 2 share the same settings. Bit D7 is effective also for
channel 3 if the relative OCFG is used.
CxVR
Mode
00
0 dB
01
-0.125 dB
10
-0.25 dB
11
-0.375 dB
VRESEN
VRESTG
Mode
0
0
Extra volume resolution disabled
0
1
Extra volume resolution disabled
1
0
Volume fine-tuning enabled and applied immediately
11
Volume fine-tuning enabled and applied when master or
channel volume is updated
D7
D6
D5
D4
D3
D2
D1
D0
NSHXEN
NSHB7EN NSHB6EN NSHB5EN NSHB4EN NSHB3EN NSHB2EN NSHB1EN
0
00000
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com