Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA350B Datasheet(PDF) 78 Page - STMicroelectronics

Part # STA350B
Description  2.1-channel high-efficiency digital audio system Sound TerminalR
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA350B Datasheet(HTML) 78 Page - STMicroelectronics

Back Button STA350B Datasheet HTML 74Page - STMicroelectronics STA350B Datasheet HTML 75Page - STMicroelectronics STA350B Datasheet HTML 76Page - STMicroelectronics STA350B Datasheet HTML 77Page - STMicroelectronics STA350B Datasheet HTML 78Page - STMicroelectronics STA350B Datasheet HTML 79Page - STMicroelectronics STA350B Datasheet HTML 80Page - STMicroelectronics STA350B Datasheet HTML 81Page - STMicroelectronics STA350B Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 94 page
background image
Register description
STA350B, STA350BW
78/94
DocID018572 Rev 7
Figure 33. EQDRC scheme
8.18.3
Extended post-scale range
Post-scale is an attenuation by default. When PS48DB is set to 1, a 48-dB offset is applied
to the coefficient RAM value, so post-scale can act as a gain too.
8.18.4
Extended attack rate
The attack rate shown in Table 65 can be extended to provide up to an 8 dB/ms attack rate
on both limiters.
Channel In
Channel In
BIQUAD
EQDRC
Standard DRC
Channel In
Channel In
BIQUAD
BIQUAD
PEAK
DETECTOR
PEAK
DETECTOR
ATTENUATION
CLACULATOR
ATTENUATION
CLACULATOR
ATTENUATION
ATTENUATION
Channel In
Channel In
BIQUAD
EQDRC
Standard DRC
Channel In
Channel In
BIQUAD
BIQUAD
PEAK
DETECTOR
PEAK
DETECTOR
ATTENUATION
CLACULATOR
ATTENUATION
CLACULATOR
ATTENUATION
ATTENUATION
AM045195v1
PS48DB
Mode
0
Post-scale value is applied as defined in coefficient RAM
1
Post-scale value is applied with +48 dB offset with respect to the
coefficient RAM value
XAR1
Mode
0
Limiter1 attack rate is configured using Table 65
1
Limiter1 attack rate is 8 dB/ms
XAR2
Mode
0
Limiter2 attack rate is configured using Table 65
1
Limiter2 attack rate is 8 dB/ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com