Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA350B Datasheet(PDF) 18 Page - STMicroelectronics

Part # STA350B
Description  2.1-channel high-efficiency digital audio system Sound TerminalR
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA350B Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STA350B Datasheet HTML 14Page - STMicroelectronics STA350B Datasheet HTML 15Page - STMicroelectronics STA350B Datasheet HTML 16Page - STMicroelectronics STA350B Datasheet HTML 17Page - STMicroelectronics STA350B Datasheet HTML 18Page - STMicroelectronics STA350B Datasheet HTML 19Page - STMicroelectronics STA350B Datasheet HTML 20Page - STMicroelectronics STA350B Datasheet HTML 21Page - STMicroelectronics STA350B Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 94 page
background image
Electrical specifications
STA350B, STA350BW
18/94
DocID018572 Rev 7
3.5
Electrical specifications for the power section
The specifications given in this section are valid for the operating conditions: VCC =24 V,
f= 1kHz, fsw = 384 kHz, Tamb = 25° C and RL = 8 Ω, unless otherwise specified.
Table 6. Electrical specifications - power section
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Po
Continuous output power, BTL, ternary
mode
THD = 1%
27
W
THD = 10%
36
Continuous output power SE, binary
mode,
RL = 4 Ω
THD = 1%
12
W
THD = 10%
15.5
RdsON
Power P-channel/N-channel MOSFET
(total bridge)
ld = 1.5 A
180
250
m
Ω
Idss
Power P-channel/N-channel leakage
VCC = 20 V
10
μA
ILDT
Low current dead time (static)
Resistive load(1)
8
15
ns
IHDT
High current dead time (dynamic)
I load(1) = 1.5 A
15
30
ns
tr
Rise time
Resistive load(1)
10
18
ns
tf
Fall time
Resistive load(1)
10
18
ns
Vcc
Supply voltage operating voltage
5
26
V
Ivcc
Supply current from Vcc in power-down
PWRDN = 0
1
μA
Supply current from Vcc in operation
PCM input signal
= -60 dBfs,
Switching frequency
= 384 kHz,
No LC filters
52
60
mA
Ivdd
Supply current FFX processing (reference
only)
Internal clock =
49.152 MHz
55
70
mA
Ilim
Overcurrent limit
(2)
3.0
3.8
4.0
A
Isc
Short-circuit protection
Hi-Z output
4.0
5.0
A
UVL
Undervoltage protection
4.3
V
OVP
Overvoltage protection
29
V
tmin
Output minimum pulse width
No load
100
ns
DR
Dynamic range
100
dB
SNR
Signal-to-noise ratio, ternary mode
A-Weighted
100
dB
Signal-to-noise ratio binary mode
90
dB
THD+N
Total harmonic distortion + noise
FFX stereo mode,
Po = 1 W
f= 1kHz
0.09
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com