Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA350B Datasheet(PDF) 70 Page - STMicroelectronics

Part # STA350B
Description  2.1-channel high-efficiency digital audio system Sound TerminalR
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA350B Datasheet(HTML) 70 Page - STMicroelectronics

Back Button STA350B Datasheet HTML 66Page - STMicroelectronics STA350B Datasheet HTML 67Page - STMicroelectronics STA350B Datasheet HTML 68Page - STMicroelectronics STA350B Datasheet HTML 69Page - STMicroelectronics STA350B Datasheet HTML 70Page - STMicroelectronics STA350B Datasheet HTML 71Page - STMicroelectronics STA350B Datasheet HTML 72Page - STMicroelectronics STA350B Datasheet HTML 73Page - STMicroelectronics STA350B Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 94 page
background image
Register description
STA350B, STA350BW
70/94
DocID018572 Rev 7
Writing a single coefficient to RAM
1.
Select the RAM block with register 0x31 bit1, bit0.
2.
Write 6 bits of address to I2C register 0x16.
3.
Write top 8 bits of coefficient in I2C address 0x17.
4.
Write middle 8 bits of coefficient in I2C address 0x18.
5.
Write bottom 8 bits of coefficient in I2C address 0x19.
6.
Write 1 to the W1 bit in I2C address 0x26.
Writing a set of coefficients to RAM
1.
Select the RAM block with register 0x31 bit1, bit0.
2.
Write 6 bits of starting address to I2C register 0x16.
3.
Write top 8 bits of coefficient b1 in I2C address 0x17.
4.
Write middle 8 bits of coefficient b1 in I2C address 0x18.
5.
Write bottom 8 bits of coefficient b1 in I2C address 0x19.
6.
Write top 8 bits of coefficient b2 in I2C address 0x1A.
7.
Write middle 8 bits of coefficient b2 in I2C address 0x1B.
8.
Write bottom 8 bits of coefficient b2 in I2C address 0x1C.
9.
Write top 8 bits of coefficient a1 in I2C address 0x1D.
10. Write middle 8 bits of coefficient a1 in I2C address 0x1E.
11. Write bottom 8 bits of coefficient a1 in I2C address 0x1F.
12. Write top 8 bits of coefficient a2 in I2C address 0x20.
13. Write middle 8 bits of coefficient a2 in I2C address 0x21.
14. Write bottom 8 bits of coefficient a2 in I2C address 0x22.
15. Write top 8 bits of coefficient b0 in I2C address 0x23.
16. Write middle 8 bits of coefficient b0 in I2C address 0x24.
17. Write bottom 8 bits of coefficient b0 in I2C address 0x25.
18. Write 1 to the WA bit in I2C address 0x26.
The mechanism for writing a set of coefficients to RAM provides a method of updating the
five coefficients corresponding to a given biquad (filter) simultaneously to avoid possible
unpleasant acoustic side-effects. When using this technique, the 6-bit address specifies the
address of the biquad b1 coefficient (for example, 0, 5, 10, 20, 35 decimal), and the
STA350Bx generates the RAM addresses as offsets from this base value to write the
complete set of coefficient data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com