Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS48L32 Datasheet(PDF) 39 Page - Cirrus Logic

Part # CS48L32
Description  Low-Power Audio DSP with Microphone Interface
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS48L32 Datasheet(HTML) 39 Page - Cirrus Logic

Back Button CS48L32 Datasheet HTML 35Page - Cirrus Logic CS48L32 Datasheet HTML 36Page - Cirrus Logic CS48L32 Datasheet HTML 37Page - Cirrus Logic CS48L32 Datasheet HTML 38Page - Cirrus Logic CS48L32 Datasheet HTML 39Page - Cirrus Logic CS48L32 Datasheet HTML 40Page - Cirrus Logic CS48L32 Datasheet HTML 41Page - Cirrus Logic CS48L32 Datasheet HTML 42Page - Cirrus Logic CS48L32 Datasheet HTML 43Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 192 page
background image
DS1219F4
Cirrus Logic
39
CS48L32
4.2 Input Signal Path
The AUXPDM interface signal paths are shown in Fig. 4-13.
Figure 4-13. Auxiliary PDM Interface
The AUXPDM interfaces can be configured in Master or Slave Mode using AUXPDMn_MSTR (where n identifies the
applicable interface 1 or 2). In Master Mode, the clock (CLK) signal is generated by the CS48L32; in Slave Mode, the CLK
signal is an input to the CS48L32.
The CLK frequency is selected using AUXPDMn_FREQ. For each setting of this field, the actual frequency depends on
whether SYSCLK is configured for 48 kHz- or 44.1 kHz-related sample rates. See Section 4.8 for details of the system
clocks. Note that the CLK frequency must be configured in master and slave modes, using the AUXPDMn_FREQ field.
In Slave Mode, the CS48L32 system clock (SYSCLK) must be synchronized to the PDM CLK input. The applicable CLK
must be selected using PDM_FLLCLK_SRC (see Table 4-8) and configured as FLL reference clock using FLL1_
REFCLK_SRC. See Section 4.8 to configure SYSCLK using FLL1 as a clock reference.
Note: If one of the AUXPDM interfaces is configured in Slave Mode, the system clock (SYSCLK) must be synchronized
to the respective CLK input. To operate more than one of these interfaces in Slave Mode concurrently, the
respective interfaces must all be synchronous (i.e., referenced to a common clock source).
ADC
ADC
DATA
CLK
IN1LN_1/IN1_PDMCLK
IN1LP_1/IN1_PDMDATA
IN1LP_2
IN1LN_2
IN1RN_1/IN2_PDMCLK
IN1RP_1/IN2_PDMDATA
IN1RP_2
IN1RN_2
DATA
CLK
Auxiliary PDM
Interface 1
AUXPDM1_CLK
AUXPDM1_DOUT
Auxiliary PDM
Interface 2
Digital Mic
Interface
Digital Mic
Interface
Input signal path
IN1L (analog)
IN1L (digital)
IN1R (digital)
IN1R (analog)
IN2L (digital)
IN2R (digital)
AUXPDM2_CLK
AUXPDM2_DOUT
AUXPDM1_SRC[3:0] p. 41
AUXPDM2_SRC[3:0] p. 42
AUXPDM1_DOUT_SRC[3:0] p. 41
AUXPDM2_DOUT_SRC[3:0] p. 41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com