Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS48L32 Datasheet(PDF) 74 Page - Cirrus Logic

Part # CS48L32
Description  Low-Power Audio DSP with Microphone Interface
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS48L32 Datasheet(HTML) 74 Page - Cirrus Logic

Back Button CS48L32 Datasheet HTML 70Page - Cirrus Logic CS48L32 Datasheet HTML 71Page - Cirrus Logic CS48L32 Datasheet HTML 72Page - Cirrus Logic CS48L32 Datasheet HTML 73Page - Cirrus Logic CS48L32 Datasheet HTML 74Page - Cirrus Logic CS48L32 Datasheet HTML 75Page - Cirrus Logic CS48L32 Datasheet HTML 76Page - Cirrus Logic CS48L32 Datasheet HTML 77Page - Cirrus Logic CS48L32 Datasheet HTML 78Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 192 page
background image
74
Cirrus Logic
DS1219F4
CS48L32
4.4 DSP Firmware Control
Status registers describing the Halo Core DSP are provided within the CS48L32 register map, as shown in Table 4-24.
The default values of these fields are provided in Section 6.
Trace buffer
• Trace buffer depth
• Trace stack depth
Yes
16
16
Watchdog timer
Yes
Interrupt controller
Yes
Stream arbiter
• Number of receive channels
• Number of transmit channels
• Number of master controllers
• Number of interrupt generators
• Data width—integer part
• Data width—fractional part
Yes
8
8
6
8
4 bits
31 bits
AHB bus master
Yes
Memory protection unit
Yes
Memory controller
• Number of X-memory banks
• Number of Y-memory banks
• Number of P-memory banks
• Number of boot-memory banks
Yes
24
8
7
0
Table 4-24. DSP Configuration Definition
Register Address
Bit
Label
Description
DSP1 base address = 0x200_0000
base address + 0x5E_0000
DSPn_SYS_INFO_ID
31:0
DSPn_SYS_ID[31:0]
DSP identifier
base address + 0x5E_0004
DSPn_SYS_INFO_VERSION
31:0
DSPn_SYS_VERSION[31:0]
DSP version number
base address + 0x5E_0008
DSPn_SYS_INFO_CORE_ID
31:0
DSPn_SYS_CORE_ID[31:0]
DSP instance
base address + 0x5E_000C
DSPn_SYS_INFO_AHB_ADDR
31:0
DSPn_SYS_AHB_BASE_ADDR[31:0] DSP start address in the device register map
base address + 0x5E_0010
DSPn_SYS_INFO_XM_SRAM_SIZE
31:0
DSPn_SYS_XM_SRAM_SIZE[31:0]
X-memory size (number of 24-bit words)
base address + 0x5E_0018
DSPn_SYS_INFO_YM_SRAM_SIZE
31:0
DSPn_SYS_YM_SRAM_SIZE[31:0]
Y-memory size (number of 24-bit words)
base address + 0x5E_0020
DSPn_SYS_INFO_PM_SRAM_SIZE
31:0
DSPn_SYS_PM_SRAM_SIZE[31:0]
P-memory size (number of 20-bit words)
Note this includes the boot memory, if present.
base address + 0x5E_0028
DSPn_SYS_INFO_PM_BOOT_SIZE
31:0
DSPn_SYS_PM_BOOT_SIZE[31:0]
Boot-memory size (number of 20-bit words)
base address + 0x5E_002C
DSPn_SYS_INFO_FEATURES
31
DSPn_SYS_SELF_BOOT
1 = DSP supports self-boot on release from reset
13
DSPn_SYS_DB_RAND_EXISTS
1 = DSP provides dB/linear conversion
12
DSPn_SYS_LMS_EXISTS
1 = DSP provides LMS filters
11
DSPn_SYS_FIR_EXISTS
1 = DSP provides FIR filters
10
DSPn_SYS_FFT_EXISTS
1 = DSP provides FFT accelerator
9DSPn_SYS_MIPS_EXISTS
1 = DSP provides MIPS profiler
8DSPn_SYS_TRB_EXISTS
1 = DSP provides trace buffer
7DSPn_SYS_WDT_EXISTS
1 = DSP provides watchdog timer
5DSPn_SYS_STREAM_ARB_EXISTS
1 = DSP provides stream arbiter control
4DSPn_SYS_AHBM_EXISTS
1 = DSP provides AHB bus master
3DSPn_SYS_MPU_EXISTS
1 = DSP provides MPU function
base address + 0x5E_0030
DSPn_SYS_INFO_FIR_FILTERS
5:0
DSPn_SYS_NUM_FIR_FILTERS[5:0] Number of FIR filters
Table 4-23. Halo Core DSP Definition (Cont.)
Description
DSP1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com