Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS48L32 Datasheet(PDF) 76 Page - Cirrus Logic

Part # CS48L32
Description  Low-Power Audio DSP with Microphone Interface
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS48L32 Datasheet(HTML) 76 Page - Cirrus Logic

Back Button CS48L32 Datasheet HTML 72Page - Cirrus Logic CS48L32 Datasheet HTML 73Page - Cirrus Logic CS48L32 Datasheet HTML 74Page - Cirrus Logic CS48L32 Datasheet HTML 75Page - Cirrus Logic CS48L32 Datasheet HTML 76Page - Cirrus Logic CS48L32 Datasheet HTML 77Page - Cirrus Logic CS48L32 Datasheet HTML 78Page - Cirrus Logic CS48L32 Datasheet HTML 79Page - Cirrus Logic CS48L32 Datasheet HTML 80Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 192 page
background image
76
Cirrus Logic
DS1219F4
CS48L32
4.4 DSP Firmware Control
4.4.3.1
DSP Memory
The DSP firmware memory comprises program memory (P-memory) and data memory (X-memory and Y-memory) as
described in Section 4.4.2. Each memory (X, Y, or P) is arranged as a number of banks; the banked configuration enables
each memory to support multiple simultaneous read/write accesses.
Each bank of memory can be individually enabled or disabled; the power consumption of the firmware memory can be
optimized by enabling only the banks that are required for a particular application.
The CS48L32 firmware memory also supports a low-power retention state; in this state, the memory contents are retained,
but read/write access is not supported. The low-power retention state is selectable for each memory region (P, X, or Y),
and applies to all enabled banks of the respective memory.
The DSP firmware memory is controlled using the x_PWD_N and x_EXT_N_n fields described in Table 4-27. Separate
controls are provided for odd-numbered and even-numbered words within each memory region.
• x_PWD_N selects the active or data-retention state for the respective memory. In the active state, read/write access
is supported. In the data-retention state, the memory contents are maintained, but read/write access is not possible.
• x_EXT_N_n selects the enabled or disabled state for the respective memory bank n. If the bank is disabled, the
contents are lost. If the bank is enabled, read/write access is supported (provided the respective memory is active).
The memory-control fields are summarized in Table 4-26.
Notes: If a memory bank is disabled, the contents of this bank are lost—the low-power retention state is not valid for
disabled memory banks. The memory is not actively cleared in the disabled state—some contents of the memory
may persist in the disabled state, but the integrity of the memory contents is not assured.
If a memory bank is disabled, all higher-numbered banks in the same memory (X, Y, or P) are unavailable. It is
recommended to disable the higher-numbered banks by clearing the respective x_EXT_N_n bits.
The DSP memory-control fields are not affected by software reset; these bits remain in their previous state under
software-reset conditions. The DSP firmware memory contents are maintained through software reset, provided
the respective memory bank is enabled.
The DSP1 memory-control fields are defined in Table 4-27.
Table 4-26. DSP Memory Control
x_PWD_N
x_EXT_N_n
Description
0
0
Memory disabled, contents lost
0
1
Memory enabled in data-retention state
1
0
Memory disabled, contents lost
1
1
Memory enabled for read/write access
Table 4-27. DSP Memory Control Registers
Register Address
Bit
Label
Default
Description
R94220 (0x1700C)
DSP1_XM_SRAM_IBUS_SETUP_0
1
DSP1_XM_SRAM_IBUS_E_PWD_N
0
X-memory even-address power control
0 = Data-retention state
1 = Memory active
Only valid for enabled memory banks
0
DSP1_XM_SRAM_IBUS_O_PWD_N
0
X-memory odd-address power control
0 = Data-retention state
1 = Memory active
Only valid for enabled memory banks
R94224 (0x17010)
DSP1_XM_SRAM_IBUS_SETUP_1
to
R94316 (0x1706C)
DSP1_XM_SRAM_IBUS_SETUP_24
1
DSP1_XM_SRAM_IBUS_E_EXT_N_n
0
X-memory even-address Bank n enable
0 = Disabled
1 = Enabled
0
DSP1_XM_SRAM_IBUS_O_EXT_N_n
0
X-memory odd-address Bank n enable
0 = Disabled
1 = Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com