Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS48L32 Datasheet(PDF) 68 Page - Cirrus Logic

Part # CS48L32
Description  Low-Power Audio DSP with Microphone Interface
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS48L32 Datasheet(HTML) 68 Page - Cirrus Logic

Back Button CS48L32 Datasheet HTML 64Page - Cirrus Logic CS48L32 Datasheet HTML 65Page - Cirrus Logic CS48L32 Datasheet HTML 66Page - Cirrus Logic CS48L32 Datasheet HTML 67Page - Cirrus Logic CS48L32 Datasheet HTML 68Page - Cirrus Logic CS48L32 Datasheet HTML 69Page - Cirrus Logic CS48L32 Datasheet HTML 70Page - Cirrus Logic CS48L32 Datasheet HTML 71Page - Cirrus Logic CS48L32 Datasheet HTML 72Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 192 page
background image
68
Cirrus Logic
DS1219F4
CS48L32
4.3 Digital Core
R43008 (0xA800)
FX_SAMPLE_RATE
15:11 FX_RATE[4:0]
0x00
FX Sample Rate (EQ, LHPF, DRC)
0x00 = SAMPLE_RATE_1
0x01 = SAMPLE_RATE_2
0x02 = SAMPLE_RATE_3
0x03 = SAMPLE_RATE_4
All other codes are reserved.
The selected sample rate is valid in the range 8–192 kHz.
All EQn_SRCm, DRCnx_SRCm, and LHPFn_SRCm fields
must be cleared before changing FX_RATE.
R45056 (0xB000)
TONE_GENERATOR1
15:11 TONE_RATE[4:0]
0x00
Tone Generator Sample Rate
0x00 = SAMPLE_RATE_1
0x01 = SAMPLE_RATE_2
0x02 = SAMPLE_RATE_3
0x03 = SAMPLE_RATE_4
All other codes are reserved.
The selected sample rate is valid in the range 8–192 kHz.
R46080 (0xB400)
Comfort_Noise_Generator
15:11 NOISE_GEN_RATE[4:0]
0x00
Noise Generator Sample Rate
0x00 = SAMPLE_RATE_1
0x01 = SAMPLE_RATE_2
0x02 = SAMPLE_RATE_3
0x03 = SAMPLE_RATE_4
All other codes are reserved.
The selected sample rate is valid in the range 8–192 kHz.
R47108 (0xB804)
US1_CONTROL
31:27 US1_RATE[4:0]
0x00
Ultrasonic Demodulator 1 Sample Rate
0x00 = SAMPLE_RATE_1
0x01 = SAMPLE_RATE_2
0x02 = SAMPLE_RATE_3
0x03 = SAMPLE_RATE_4
All other codes are reserved. The selected sample rate must be
the same as the output rate set by US1_FREQ (i.e., 16 kHz).
R47124 (0xB814)
US2_CONTROL
31:27 US2_RATE[4:0]
0x00
Ultrasonic Demodulator 2 Sample Rate
0x00 = SAMPLE_RATE_1
0x01 = SAMPLE_RATE_2
0x02 = SAMPLE_RATE_3
0x03 = SAMPLE_RATE_4
All other codes are reserved. The selected sample rate must be
the same as the output rate set by US2_FREQ (i.e., 16 kHz).
R49152 (0xC000)
PWM_Drive_1
15:11 PWM_RATE[4:0]
0x00
PWM Frequency (sample rate)
0x00 = SAMPLE_RATE_1
0x01 = SAMPLE_RATE_2
0x02 = SAMPLE_RATE_3
0x03 = SAMPLE_RATE_4
All other codes are reserved.
The selected sample rate is valid in the range 8–192 kHz.
All PWMn_SRCm fields must be cleared before changing
PWM_RATE.
Table 4-21. Digital-Core Sample-Rate Control (Cont.)
Register Address
Bit
Label
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com