Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS48L32 Datasheet(PDF) 37 Page - Cirrus Logic

Part # CS48L32
Description  Low-Power Audio DSP with Microphone Interface
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS48L32 Datasheet(HTML) 37 Page - Cirrus Logic

Back Button CS48L32 Datasheet HTML 33Page - Cirrus Logic CS48L32 Datasheet HTML 34Page - Cirrus Logic CS48L32 Datasheet HTML 35Page - Cirrus Logic CS48L32 Datasheet HTML 36Page - Cirrus Logic CS48L32 Datasheet HTML 37Page - Cirrus Logic CS48L32 Datasheet HTML 38Page - Cirrus Logic CS48L32 Datasheet HTML 39Page - Cirrus Logic CS48L32 Datasheet HTML 40Page - Cirrus Logic CS48L32 Datasheet HTML 41Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 192 page
background image
DS1219F4
Cirrus Logic
37
CS48L32
4.2 Input Signal Path
R47112 (0xB808)
US1_DET_
CONTROL
30:28 US1_DET_DCY[2:0]
000
Ultrasonic Detect 1 Decay Time Constant
Time period (after the hold time, and in the absence of valid detections) for the
accumulated count to decrease to 37% of its previous value.
The quoted times are valid for US1_FREQ = 010; if US1_FREQ = 011, the
time period is multiplied by 0.84.
000 = 0 ms
001 = 0.79 ms
010 = 1.58 ms
011 = 3.16 ms
100 = 6.33 ms
101 = 12.67 ms
110 = 25.34 ms
111 = 50.69 ms
27:24 US1_DET_HOLD[3:0]
0000
Ultrasonic Detect 1 Hold Time
The number of invalid detections required before the accumulated count
decreases is 2(X+4) – 1, where X is US1_DET_HOLD in integer coding and
X > 0. If US1_DET_HOLD = 0, the hold time is 0. The detection frequency is
set by US1_FREQ.
0000 = 0
0001 = 31
0010 = 63
0011 = 127
...
1101 = 131071
1110 = 262143
1111 = 524287
23:20 US1_DET_NUM[3:0]
0000
Ultrasonic Detect 1 Accumulator Count Threshold
Accumulated number of detections threshold is 2X, where X is US1_DET_
NUM in integer coding. The detection frequency is set by US1_FREQ.
0000 = 1
0001 = 2
0010 = 4
0011 = 8
...
1101 = 8192
1110 = 16384
1111 = 32768
18:16 US1_DET_THR[2:0
000
Ultrasonic Detect 1 Signal Level Threshold
000 = –6 dBFS
001 = –9 dBFS
010 = –12 dBFS
011 = –15 dBFS
100 = –18 dBFS
101 = –21 dBFS
110 = –24 dBFS
111 = –27 dBFS
6:5
US1_DET_LPF_
CUT[1:0]
00
Ultrasonic Detect 1 Low-pass Filter Control
Selects the cut-off frequency of the low-pass filter, dependent on US1_FREQ.
If US1_FREQ = 010 the low-pass filter is set as follows:
00 = 1722 Hz, 01 = 833 Hz, 10 = 408 Hz, 11 = 203 Hz
If US1_FREQ = 011 the low-pass filter is set as follows:
00 = 2044 Hz, 01 = 989 Hz, 10 = 484 Hz, 11 = 241 Hz
4
US1_DET_LPF
0
Ultrasonic Detect 1 Low-pass Filter Enable
0 = Disabled
1 = Enabled
R47124 (0xB814)
US2_CONTROL
13:12 US2_GAIN[1:0]
10
Ultrasonic Demodulator 2 Gain
00 = Disabled (no signal)
01 = –5 dB
10 = 1 dB
11 = 7 dB
11:8 US2_SRC[3:0]
0x0
Ultrasonic Demodulator 2 Source
0x0 = IN1L
0x1 = IN1R
0x2 = IN2L
0x3 = IN2R
All other codes are reserved
6:4
US2_FREQ[2:0]
011
Ultrasonic Demodulator 2 Frequency
010 = 16–24 kHz
011 = 20–28 kHz
All other codes are reserved
Table 4-7. Ultrasonic Signal-Detect and Demodulation Control (Cont.)
Register Address
Bit
Label
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com