Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS48L32 Datasheet(PDF) 88 Page - Cirrus Logic

Part # CS48L32
Description  Low-Power Audio DSP with Microphone Interface
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS48L32 Datasheet(HTML) 88 Page - Cirrus Logic

Back Button CS48L32 Datasheet HTML 84Page - Cirrus Logic CS48L32 Datasheet HTML 85Page - Cirrus Logic CS48L32 Datasheet HTML 86Page - Cirrus Logic CS48L32 Datasheet HTML 87Page - Cirrus Logic CS48L32 Datasheet HTML 88Page - Cirrus Logic CS48L32 Datasheet HTML 89Page - Cirrus Logic CS48L32 Datasheet HTML 90Page - Cirrus Logic CS48L32 Datasheet HTML 91Page - Cirrus Logic CS48L32 Datasheet HTML 92Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 192 page
background image
88
Cirrus Logic
DS1219F4
CS48L32
4.5 DSP Peripheral Control
base address + 0x40
ALMn_CONFIG2
4ALMn_CH2_CONT
0
Channel 2 continuous mode select
0 = Single mode
1 = Continuous mode
Channel 2 must be disabled (ALMn_CH2_STS = 0) when updating this
field.
1:0
ALMn_CH2_TRIG_
MODE[1:0]
00
Channel 2 trigger mode select
00 = Absolute Mode: Alarm is triggered when the count value of the timer
source is equal to ALMn_CH2_TRIG_VAL.
01 = Relative Mode: Alarm is triggered when the count value has
incremented by a number equal to ALMn_CH2_TRIG_VAL.
10 = Combination Mode: Alarm is initially triggered as described for
Absolute Mode; the alarm then operates as described for Relative Mode.
11 = Reserved
Channel 2 must be disabled (ALMn_CH2_STS = 0) when updating this
field.
base address + 0x44
ALMn_CTRL2
15
ALMn_CH2_UPD
0
Channel 2 update control—Write 1 to indicate a new trigger value or pulse
duration is ready to be applied.
If Channel 2 is enabled and ALMn_CH2_UPD is set, the ALMn_CH2_
TRIG_VAL and ALMn_CH2_PULSE_DUR settings are updated when the
alarm is next triggered or by writing 1 to ALMn_CH2_START.
If Channel 2 is disabled, the ALMn_CH2_UPD bit has no effect, and the
ALMn_CH2_TRIG_VAL and ALMn_CH2_PULSE_DUR settings are
updated immediately when writing to the respective fields.
4ALMn_CH2_STOP
—
Channel 2 stop control—Write 1 to disable Channel 2
0ALMn_CH2_START
—
Channel 2 start control—Write 1 to enable or restart Channel 2
base address + 0x48
ALMn_TRIG_VAL2
31:0 ALMn_CH2_TRIG_
VAL[31:0]
0x0000_
0000
Channel 2 alarm trigger value
base address + 0x4C
ALMn_PULSE_DUR2
31:0 ALMn_CH2_
PULSE_DUR[31:0]
0x0000_
0000
Channel 2 alarm output pulse duration
Configures the duration of the GPIO alarm output indication. The pulse
duration is referenced to the count rate of the selected timer source.
base address + 0x50
ALMn_STATUS2
0ALMn_CH2_STS
0
Channel 2 status
0 = Disabled
1 = Enabled
base address + 0x60
ALMn_CONFIG3
4ALMn_CH3_CONT
0
Channel 3 continuous mode select
0 = Single mode
1 = Continuous mode
Channel 3 must be disabled (ALMn_CH3_STS = 0) when updating this
field.
1:0
ALMn_CH3_TRIG_
MODE[1:0]
00
Channel 3 trigger mode select
00 = Absolute Mode: Alarm is triggered when the count value of the timer
source is equal to ALMn_CH3_TRIG_VAL.
01 = Relative Mode: Alarm is triggered when the count value has
incremented by a number equal to ALMn_CH3_TRIG_VAL.
10 = Combination Mode: Alarm is initially triggered as described for
Absolute Mode; the alarm then operates as described for Relative Mode.
11 = Reserved
Channel 3 must be disabled (ALMn_CH3_STS = 0) when updating this
field.
base address + 0x64
ALMn_CTRL3
15
ALMn_CH3_UPD
0
Channel 3 update control—Write 1 to indicate a new trigger value or pulse
duration is ready to be applied.
If Channel 3 is enabled and ALMn_CH3_UPD is set, the ALMn_CH3_
TRIG_VAL and ALMn_CH3_PULSE_DUR settings are updated when the
alarm is next triggered or by writing 1 to ALMn_CH3_START.
If Channel 3 is disabled, the ALMn_CH3_UPD bit has no effect, and the
ALMn_CH3_TRIG_VAL and ALMn_CH3_PULSE_DUR settings are
updated immediately when writing to the respective fields.
4ALMn_CH3_STOP
—
Channel 3 stop control—Write 1 to disable Channel 3
0ALMn_CH3_START
—
Channel 3 start control—Write 1 to enable or restart Channel 3
base address + 0x68
ALMn_TRIG_VAL3
31:0 ALMn_CH3_TRIG_
VAL[31:0]
0x0000_
0000
Channel 3 alarm trigger value
Table 4-31. Alarm (ALMn) Control (Cont.)
Register Address
Bit
Label
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com