Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS48L32 Datasheet(PDF) 69 Page - Cirrus Logic

Part # CS48L32
Description  Low-Power Audio DSP with Microphone Interface
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS48L32 Datasheet(HTML) 69 Page - Cirrus Logic

Back Button CS48L32 Datasheet HTML 65Page - Cirrus Logic CS48L32 Datasheet HTML 66Page - Cirrus Logic CS48L32 Datasheet HTML 67Page - Cirrus Logic CS48L32 Datasheet HTML 68Page - Cirrus Logic CS48L32 Datasheet HTML 69Page - Cirrus Logic CS48L32 Datasheet HTML 70Page - Cirrus Logic CS48L32 Datasheet HTML 71Page - Cirrus Logic CS48L32 Datasheet HTML 72Page - Cirrus Logic CS48L32 Datasheet HTML 73Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 192 page
background image
DS1219F4
Cirrus Logic
69
CS48L32
4.3 Digital Core
4.3.12 Isochronous Sample-Rate Converter (ISRC)
The CS48L32 supports multiple signal paths through the digital core. The ISRCs provide sample-rate conversion between
synchronized sample rates on the SYSCLK clock domain.
There are three ISRCs on the CS48L32. ISRC1 provides four signal paths between two different sample rates; ISRC2 and
ISRC3 provide two signal paths between two different sample rates, as shown in Fig. 4-27. The sample rates associated
with each ISRC can each be set equal to SAMPLE_RATE_1, SAMPLE_RATE_2, SAMPLE_RATE_3, or SAMPLE_
RATE_4. See Section 4.8 for details of the sample-rate control registers.
Each ISRC converts between a sample rate selected by ISRCn_FSL and a sample rate selected by ISRCn_FSH, (where
n
identifies the applicable ISRC 1, 2, or 3). The higher of the two sample rates must be selected by ISRCn_FSH in each
case.
The ISRCs support sample rates in the range 8–192 kHz. The sample-rate conversion ratio must be an integer (1–24) or
equal to 1.5.
The ISRCn_FSL and ISRCn_FSH fields must not be changed if any of the respective x_SRCn fields is nonzero. The
associated x_SRCn fields must be cleared before writing new values to ISRCn_FSL or ISRCn_FSH. A minimum delay of
125
s must be allowed between clearing the x_SRCn fields and writing to the associated ISRCn_FSL or ISRCn_FSH
fields. See Table 4-22 for details.
The ISRC signal paths are enabled using the ISRCn_INTm_EN and ISRCn_DECm_EN bits, as follows:
0x2B80080
DSP1_SAMPLE_RATE_RX1
4:0
DSP1_RX1_RATE[4:0]
0x00
DSP1 RX Channel n Sample Rate
0x00 = SAMPLE_RATE_1
0x01 = SAMPLE_RATE_2
0x02 = SAMPLE_RATE_3
0x03 = SAMPLE_RATE_4
All other codes are reserved.
The selected sample rate is valid in the range 8–192 kHz.
All DSP1RXn_SRCx fields must be cleared before changing
DSP1_RXn_RATE.
0x2B80088
DSP1_SAMPLE_RATE_RX2
4:0
DSP1_RX2_RATE[4:0]
0x00
0x2B80090
DSP1_SAMPLE_RATE_RX3
4:0
DSP1_RX3_RATE[4:0]
0x00
0x2B80098
DSP1_SAMPLE_RATE_RX4
4:0
DSP1_RX4_RATE[4:0]
0x00
0x2B800A0
DSP1_SAMPLE_RATE_RX5
4:0
DSP1_RX5_RATE[4:0]
0x00
0x2B800A8
DSP1_SAMPLE_RATE_RX6
4:0
DSP1_RX6_RATE[4:0]
0x00
0x2B800B0
DSP1_SAMPLE_RATE_RX7
4:0
DSP1_RX7_RATE[4:0]
0x00
0x2B800B8
DSP1_SAMPLE_RATE_RX8
4:0
DSP1_RX8_RATE[4:0]
0x00
0x2B80280
DSP1_SAMPLE_RATE_TX1
4:0
DSP1_TX1_RATE[4:0]
0x00
DSP1 TX Channel n Sample Rate
0x00 = SAMPLE_RATE_1
0x01 = SAMPLE_RATE_2
0x02 = SAMPLE_RATE_3
0x03 = SAMPLE_RATE_4
All other codes are reserved.
The selected sample rate is valid in the range 8–192 kHz.
0x2B80288
DSP1_SAMPLE_RATE_TX2
4:0
DSP1_TX2_RATE[4:0]
0x00
0x2B80290
DSP1_SAMPLE_RATE_TX3
4:0
DSP1_TX3_RATE[4:0]
0x00
0x2B80298
DSP1_SAMPLE_RATE_TX4
4:0
DSP1_TX4_RATE[4:0]
0x00
0x2B802A0
DSP1_SAMPLE_RATE_TX5
4:0
DSP1_TX5_RATE[4:0]
0x00
0x2B802A8
DSP1_SAMPLE_RATE_TX6
4:0
DSP1_TX6_RATE[4:0]
0x00
0x2B802B0
DSP1_SAMPLE_RATE_TX7
4:0
DSP1_TX7_RATE[4:0]
0x00
0x2B802B8
DSP1_SAMPLE_RATE_TX8
4:0
DSP1_TX8_RATE[4:0]
0x00
Table 4-21. Digital-Core Sample-Rate Control (Cont.)
Register Address
Bit
Label
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com