Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS48L32 Datasheet(PDF) 90 Page - Cirrus Logic

Part # CS48L32
Description  Low-Power Audio DSP with Microphone Interface
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS48L32 Datasheet(HTML) 90 Page - Cirrus Logic

Back Button CS48L32 Datasheet HTML 86Page - Cirrus Logic CS48L32 Datasheet HTML 87Page - Cirrus Logic CS48L32 Datasheet HTML 88Page - Cirrus Logic CS48L32 Datasheet HTML 89Page - Cirrus Logic CS48L32 Datasheet HTML 90Page - Cirrus Logic CS48L32 Datasheet HTML 91Page - Cirrus Logic CS48L32 Datasheet HTML 92Page - Cirrus Logic CS48L32 Datasheet HTML 93Page - Cirrus Logic CS48L32 Datasheet HTML 94Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 192 page
background image
90
Cirrus Logic
DS1219F4
CS48L32
4.5 DSP Peripheral Control
If SYSCLK is selected as the source, a lower clocking frequency can be configured using TIMERn_REFCLK_FREQ_SEL
field (if TIMERn_REFCLK_SRC = 0x8) or TIMERn_DSPCLK_FREQ_SEL field (if TIMERn_REFCLK_SRC = 0x0). The
applicable division ratio is determined automatically, assuming the SYSCLK frequency has been correctly configured as
described in Section 4.8.
Note that, depending on the SYSCLK frequency and the available clock dividers, the timer reference frequency may differ
from the frequency configured by TIMERn_DSPCLK_FREQ_SEL. In most cases, the timer reference equals or exceeds
the requested frequency; a lower frequency is implemented if limited by either the SYSCLK frequency or the maximum
TIMERn clocking frequency.
If TIMERn_REFCLK_SRC > 0x0, the clock source can be further divided using TIMERn_REFCLK_DIV. Division ratios in
the range 1 to 128 can be selected.
The reference frequency (after TIMERn_REFCLK_FREQ_SEL, TIMERn_DSPCLK_FREQ_SEL, and TIMERn_REFCLK_
DIV) must be compatible with the following constraints:
• The reference frequency must be less than 12 MHz, and close to 50% duty cycle
• If SYSCLK is enabled, the reference frequency must be less than SYSCLK / 3
One final division, controlled by TIMERn_PRESCALE, determines the timer count frequency. This field is valid for all clock
reference sources; division ratios in the range 1 to 128 can be selected. The output from this division corresponds to the
frequency at which the TIMERn_COUNT field is incremented (or decremented).
The maximum count value of the timer is determined by TIMERn_MAX_COUNT. This is the final count value (if counting
up), or the initial count value (if counting down). The current value of the timer counter can be read from the TIMERn_
CUR_COUNT field.
The timer is started by writing 1 to TIMERn_START. Note that, if the timer is already running, it restarts from its initial value.
The timer is stopped by writing 1 to TIMERn_STOP. The count direction (up or down) is selected using TIMERn_DIR.
The TIMERn_CONT bit selects whether the timer automatically restarts after the end-of-count condition has been reached.
The TIMERn_RUNNING_STS bit indicates whether the timer is running, or if it has stopped.
Note that the timer should be stopped before making any changes to the timer control registers. The timer configuration
should only be changed if TIMERn_RUNNING_STS = 0.
4.5.3.3
Interrupts and GPIO Output
The timer status is an input to the interrupt control circuit and can be used to trigger an interrupt event after the final count
value is reached—see Section 4.9. Note that the interrupt does not occur immediately when the final count value is
reached; the interrupt is triggered at the point when the next update to the timer count value would be due.
The timer status can be output directly on a GPIO pin as an external indication of the timer activity. See Section 4.10 to
configure a GPIO pin for this function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com