Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS48L32 Datasheet(PDF) 32 Page - Cirrus Logic

Part # CS48L32
Description  Low-Power Audio DSP with Microphone Interface
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS48L32 Datasheet(HTML) 32 Page - Cirrus Logic

Back Button CS48L32 Datasheet HTML 28Page - Cirrus Logic CS48L32 Datasheet HTML 29Page - Cirrus Logic CS48L32 Datasheet HTML 30Page - Cirrus Logic CS48L32 Datasheet HTML 31Page - Cirrus Logic CS48L32 Datasheet HTML 32Page - Cirrus Logic CS48L32 Datasheet HTML 33Page - Cirrus Logic CS48L32 Datasheet HTML 34Page - Cirrus Logic CS48L32 Datasheet HTML 35Page - Cirrus Logic CS48L32 Datasheet HTML 36Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 192 page
background image
32
Cirrus Logic
DS1219F4
CS48L32
4.2 Input Signal Path
Note: The 0 dBFS level of the IN1–IN2 digital input paths is not equal to the 0 dBFS level of the CS48L32 digital core.
The maximum digital input signal level is –6 dBFS (see Table 3-7). Under 0 dB gain conditions, a –6 dBFS input
signal corresponds to a 0 dBFS input to the CS48L32 digital core functions.
The digital volume control registers are described in Table 4-4.
4.2.8
Input Signal Path Signal-Detect Control
The CS48L32 provides a digital signal-detect function for the input signal path. This enables system actions to be triggered
by signal detection and allows the device to remain in a low-power state until a valid audio signal is detected. A mute
function is integrated with the signal-detect circuit, ensuring the respective digital audio path remains at zero until the
detection threshold level is reached. Signal detection is also indicated via the interrupt controller.
Table 4-4. Input Signal Path Digital Volume Control
Register Address
Bit
Label
Default
Description
R16404 (0x4014)
INPUT_
CONTROL3
29
IN_VU
See
Footnote 1
Input signal paths volume and mute update.
Writing 1 to this bit causes the IN1–IN2 input signal paths volume and mute
settings to be updated simultaneously.
R16424 (0x4028)
IN1L_CONTROL2
28
IN1L_MUTE
1
Input Path 1 (Left) Digital Mute
0 = Unmute
1 = Mute
23:16 IN1L_VOL[7:0]
0x80
Input Path 1 (Left) Digital Volume, –64 dB to +31.5 dB in 0.5 dB steps
0x00 = –64 dB
0x01 = –63.5 dB
… (0.5 dB steps)
0x80 = 0 dB
… (0.5 dB steps)
0xBF = +31.5 dB
0xC0 to 0xFF = Reserved
R16456 (0x4048)
IN1R_CONTROL2
28
IN1R_MUTE
1
Input Path 1 (Right) Digital Mute
0 = Unmute
1 = Mute
23:16 IN1R_VOL[7:0]
0x80
Input Path 1 (Right) Digital Volume, –64 dB to +31.5 dB in 0.5 dB steps
0x00 = –64 dB
0x01 = –63.5 dB
… (0.5 dB steps)
0x80 = 0 dB
… (0.5 dB steps)
0xBF = +31.5 dB
0xC0 to 0xFF = Reserved
R16488 (0x4068)
IN2L_CONTROL2
28
IN2L_MUTE
1
Input Path 2 (Left) Digital Mute
0 = Unmute
1 = Mute
23:16 IN2L_VOL[7:0]
0x80
Input Path 2 (Left) Digital Volume, –64 dB to +31.5 dB in 0.5 dB steps
0x00 = –64 dB
0x01 = –63.5 dB
… (0.5 dB steps)
0x80 = 0 dB
… (0.5 dB steps)
0xBF = +31.5 dB
0xC0 to 0xFF = Reserved
R16520 (0x4088)
IN2R_CONTROL2
28
IN2R_MUTE
1
Input Path 2 (Right) Digital Mute
0 = Unmute
1 = Mute
23:16 IN2R_VOL[7:0]
0x80
Input Path 2 (Right) Digital Volume, –64 dB to +31.5 dB in 0.5 dB steps
0x00 = –64 dB
0x01 = –63.5 dB
… (0.5 dB steps)
0x80 = 0 dB
… (0.5 dB steps)
0xBF = +31.5 dB
0xC0 to 0xFF = Reserved
R16968 (0x4248)
INPUT_VOL_
CONTROL
6:4
IN_VD_RAMP[2:0]
010
Input Volume Decreasing Ramp Rate (seconds/6 dB).
This field should not be changed while a volume ramp is in progress.
000 = 0 ms
001 = 0.5 ms
010 = 1 ms
011 = 2 ms
100 = 4 ms
101 = 8 ms
110 = 15 ms
111 = 30 ms
2:0
IN_VI_RAMP[2:0]
010
Input Volume Increasing Ramp Rate (seconds/6 dB).
This field should not be changed while a volume ramp is in progress.
000 = 0 ms
001 = 0.5 ms
010 = 1 ms
011 = 2 ms
100 = 4 ms
101 = 8 ms
110 = 15 ms
111 = 30 ms
1. Default is not applicable to these write-only bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com