Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS48L32 Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS48L32
Description  Low-Power Audio DSP with Microphone Interface
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS48L32 Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS48L32 Datasheet HTML 18Page - Cirrus Logic CS48L32 Datasheet HTML 19Page - Cirrus Logic CS48L32 Datasheet HTML 20Page - Cirrus Logic CS48L32 Datasheet HTML 21Page - Cirrus Logic CS48L32 Datasheet HTML 22Page - Cirrus Logic CS48L32 Datasheet HTML 23Page - Cirrus Logic CS48L32 Datasheet HTML 24Page - Cirrus Logic CS48L32 Datasheet HTML 25Page - Cirrus Logic CS48L32 Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 192 page
background image
22
Cirrus Logic
DS1219F4
CS48L32
4.1 Overview
4.1.1
Digital Audio Core
The CS48L32 uses a core architecture based on all-digital signal routing, making digital audio effects available on all signal
paths, regardless of whether the source data input is analog or digital. The digital mixing desk allows different audio effects
to be applied simultaneously on many independent paths, while supporting a variety of sample rates. Soft mute and
unmute control ensures smooth transitions between use cases without interrupting existing audio streams elsewhere.
The CS48L32 incorporates a Halo Core DSP, supporting programmable signal-processing algorithms. The DSP is
optimized for audio applications, incorporating configurable FFT, FIR, LMS, and linear/dB-conversion accelerators. The
DSP is supported by general-purpose timer and event-logger functions. A quad-SPI (QSPI) master interface enables
high-speed data transfers between the DSP and external components such as flash-memory devices.
Highly flexible digital mixing, including mixing between audio interfaces, is possible. The CS48L32 performs multichannel
full-duplex isochronous sample-rate conversion, providing use-case flexibility across a broad range of system
architectures.
DRC functions are available for optimizing audio signal levels. In playback modes, the DRC can be used to maximize
loudness, while limiting the signal level to avoid distortion, clipping, or battery droop, for high-power output drivers such as
speaker amplifiers. In record modes, the DRC assists in applications where the signal level is unpredictable.
The five-band parametric EQ functions can be used to compensate for the frequency characteristics of the output
transducers. EQ functions can be cascaded to provide additional frequency control. Programmable high-pass and
low-pass filters are also available for general filtering applications, such as removal of wind and other low-frequency noise.
4.1.2
Analog and Digital Audio Interfaces
The CS48L32 supports up to four analog inputs or up to four digital inputs, multiplexed into two stereo input signal paths.
The analog and digital microphone interfaces are powered from the integrated MICBIAS power-supply regulator. The input
paths can be configured for low-power operation, ideal for analog or digital microphone input in always-on applications.
Ultrasonic signal detection and demodulation functions are provided, supporting a variety of presence-detection
applications.
The auxiliary PDM interface can be used to provide an audio path between microphones connected to the CS48L32 and
a digital input to an external audio processor. The auxiliary PDM interface operates in master or slave modes.
Two audio serial ports (ASPs) each support PCM, TDM, and I2S data formats for compatibility with most industry-standard
chipsets. ASP1 supports eight input/output channels; ASP2 supports four input/output channels. Bidirectional operation of
32-bit data at sample rates up to 192 kHz sample rates is supported.
4.1.3
Other Features
The CS48L32 incorporates a tone generator that can be used for beep functions through any of the audio signal paths.
The tone generator provides two 1 kHz outputs, with configurable phase relationship, offering flexibility to create
differential signals or test scenarios.
A white-noise generator is provided that can be routed within the digital core. The noise generator can provide comfort
noise in cases where silence (digital mute) is not desirable.
Two pulse-width modulation (PWM) signal generators are incorporated. The duty cycle of each PWM signal can be
modulated by an audio source or can be set to a fixed value using a control register setting. The PWM signal generators
can be output directly on a GPIO pin.
The CS48L32 supports up to 16 GPIO pins, offering a range of input/output functions for interfacing, for detection of
external hardware, and for providing logic outputs to other devices. The CS48L32 provides two dedicated GPIO pins; the
remaining GPIOs are multiplexed with other pin-specific functions. Comprehensive interrupt functionality is also provided
for monitoring internal and external event conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com