Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS48L32 Datasheet(PDF) 82 Page - Cirrus Logic

Part # CS48L32
Description  Low-Power Audio DSP with Microphone Interface
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS48L32 Datasheet(HTML) 82 Page - Cirrus Logic

Back Button CS48L32 Datasheet HTML 78Page - Cirrus Logic CS48L32 Datasheet HTML 79Page - Cirrus Logic CS48L32 Datasheet HTML 80Page - Cirrus Logic CS48L32 Datasheet HTML 81Page - Cirrus Logic CS48L32 Datasheet HTML 82Page - Cirrus Logic CS48L32 Datasheet HTML 83Page - Cirrus Logic CS48L32 Datasheet HTML 84Page - Cirrus Logic CS48L32 Datasheet HTML 85Page - Cirrus Logic CS48L32 Datasheet HTML 86Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 192 page
background image
82
Cirrus Logic
DS1219F4
CS48L32
4.5 DSP Peripheral Control
Table 4-29. Event Logger (EVENTLOG1) Control
Register Address
Bit
Label
Default
Description
R1114112 (0x110000)
EVENTLOG1_CONTROL
19:16 EVENTLOG1_DBTIME[3:0]
0x0
Event Log input debounce
0x0 = 93.75
s
0x1 = 1.5 ms
0x2 = 3 ms
0x3 = 6 ms
0x4 = 12 ms
0x5 = 24 ms
0x6 = 48 ms
0x7 = 96 ms
0x8 = 192 ms
0x9 = 384 ms
0xA = 768 ms
0xB–0xF = Reserved
8
EVENTLOG1_DSP_CLK_EN
0
Event Log clock control
0 = Disabled
1 = Enabled
If this bit is set, SYSCLK is enabled whenever the Event Log
FIFO buffer is not empty—this allows the Event Log to
process events if the system clock is disabled.
1
EVENTLOG1_RST
0
Event Log Reset
Write 1 to reset the status outputs and clear the FIFO buffer.
0
EVENTLOG1_EN
0
Event Log Enable
0 = Disabled
1 = Enabled
R1114120 (0x110008)
EVENTLOG1_TIMER_SEL
0
EVENTLOG1_TIMER_SEL
0
Event Log Timer Source Select
0 = Timer 1
1 = Timer 2
Note that the event log must be disabled when updating this
field.
R1114136 (0x110018)
EVENTLOG1_FIFO_
CONTROL1
3:0 EVENTLOG1_FIFO_
WMARK[3:0]
0x1
Event Log FIFO Watermark. The watermark status output is
asserted when the number of FIFO locations available for new
events is less than or equal to the FIFO watermark.
Valid from 0 to 15.
R1114140 (0x11001C)
EVENTLOG1_FIFO_
POINTER1
18
EVENTLOG1_FULL
0
Event Log FIFO Full Status. This bit, when set, indicates that
the FIFO buffer is full. It is cleared when a new value is written
to the FIFO read pointer, or when the event log is Reset.
17
EVENTLOG1_WMARK_STS
0
Event Log FIFO Watermark Status. This bit, when set,
indicates that the FIFO space available for new events to be
logged is less than or equal to the watermark threshold.
16
EVENTLOG1_NOT_EMPTY
0
Event Log FIFO Not-Empty Status. This bit, when set,
indicates one or more new sets of logged event data in the
FIFO.
11:8 EVENTLOG1_FIFO_
WPTR[3:0]
0x0
Event Log FIFO Write Pointer. Indicates the FIFO index
location in which the next event is logged.
This is a read-only field.
3:0 EVENTLOG1_FIFO_
RPTR[3:0]
0x0
Event Log FIFO Read Pointer. Indicates the FIFO index
location of the first set of unread data, if any exists. For the
intended FIFO behavior, this field must be incremented after
the respective data has been read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com