Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS48L32 Datasheet(PDF) 29 Page - Cirrus Logic

Part # CS48L32
Description  Low-Power Audio DSP with Microphone Interface
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS48L32 Datasheet(HTML) 29 Page - Cirrus Logic

Back Button CS48L32 Datasheet HTML 25Page - Cirrus Logic CS48L32 Datasheet HTML 26Page - Cirrus Logic CS48L32 Datasheet HTML 27Page - Cirrus Logic CS48L32 Datasheet HTML 28Page - Cirrus Logic CS48L32 Datasheet HTML 29Page - Cirrus Logic CS48L32 Datasheet HTML 30Page - Cirrus Logic CS48L32 Datasheet HTML 31Page - Cirrus Logic CS48L32 Datasheet HTML 32Page - Cirrus Logic CS48L32 Datasheet HTML 33Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 192 page
background image
DS1219F4
Cirrus Logic
29
CS48L32
4.2 Input Signal Path
4.2.5
Input Signal Path Sample-Rate Control
The input signal paths may be selected as input to the digital mixers or signal-processing functions within the CS48L32
digital core. The sample rate for the input signal paths can be set globally, or can be configured independently for each
input channel.
The IN_RATE_MODE bit (defined in Table 4-3) controls whether the input sample rates are set globally using IN_RATE,
or independently for each input channel using the INnx_RATE fields (where n is 1–2 and x is L or R for the left/right
channels respectively). The IN_RATE and INnx_RATE fields are defined in Table 4-21.
Note that sample-rate conversion is required when routing the input signal paths to any signal chain that is configured for
a different sample rate.
4.2.6
Input Signal Path Configuration
The CS48L32 supports up to four analog inputs or up to four digital inputs. Selectable combinations of analog (mic or line)
and digital inputs are multiplexed into two stereo input signal paths:
• Input path IN1 can be configured for single-ended, differential, or digital (PDM) operation. The analog input
configuration and pin selection is controlled using the IN1x_SRC bits; digital input mode is selected by setting IN1_
MODE.
• Input path IN2 supports digital inputs only, using the respective IN2_PDMCLK and IN2_PDMDATA pins.
Note: The external pin connections for IN2 are shared with the IN1R analog input paths. If IN2L or IN2R input paths are
enabled, the IN1R analog input is restricted to differential (IN1RP_2–IN1RN_2) or single-ended (IN1RP_2)
configurations only.
A configurable high-pass filter (HPF) is provided on the left and right channels of each input path. The applicable cut-off
frequency is selected using IN_HPF_CUT. The filter can be enabled on each path independently using the INnx_HPF bits.
The analog input signal paths (single-ended or differential) each incorporate a PGA to provide gain in the range 0 dB to
+31 dB in 1 dB steps. The analog input PGA gain is controlled using IN1L_PGA_VOL and IN1R_PGA_VOL. Note that the
PGAs do not provide pop suppression; it is recommended that the gain should not be adjusted if the respective signal path
is enabled.
If digital input mode is selected, the respective PDM clock (INn_PDMCLK) is generated by the CS48L32. The frequency
is controlled by INn_OSR.
If a signal path is configured for digital input, the voltage reference for the associated input/output pins is selectable using
INn_PDM_SUP—each interface may be referenced to VOUT_MIC or MICBIAS1. For DMIC use cases, the voltage
reference for each input path should be set equal to the power supply of the respective microphones.
Note: When writing to IN1_MODE, INn_OSR, or INn_PDM_SUP, take care not to change other nonzero bits that are
configured at the same register address. Bit [5] should be set at all times.
R16388 (0x4004)
INPUT_STATUS
3
IN2L_STS
0
Input Path 2 (left) enable status
0 = Disabled
1 = Enabled
2
IN2R_STS
0
Input Path 2 (right) enable status
0 = Disabled
1 = Enabled
1
IN1L_STS
0
Input Path 1 (left) enable status
0 = Disabled
1 = Enabled
0
IN1R_STS
0
Input Path 1 (right) enable status
0 = Disabled
1 = Enabled
Table 4-2. Input Signal Path Enable (Cont.)
Register Address
Bit
Label
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com