Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS48L32 Datasheet(PDF) 49 Page - Cirrus Logic

Part # CS48L32
Description  Low-Power Audio DSP with Microphone Interface
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS48L32 Datasheet(HTML) 49 Page - Cirrus Logic

Back Button CS48L32 Datasheet HTML 45Page - Cirrus Logic CS48L32 Datasheet HTML 46Page - Cirrus Logic CS48L32 Datasheet HTML 47Page - Cirrus Logic CS48L32 Datasheet HTML 48Page - Cirrus Logic CS48L32 Datasheet HTML 49Page - Cirrus Logic CS48L32 Datasheet HTML 50Page - Cirrus Logic CS48L32 Datasheet HTML 51Page - Cirrus Logic CS48L32 Datasheet HTML 52Page - Cirrus Logic CS48L32 Datasheet HTML 53Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 192 page
background image
DS1219F4
Cirrus Logic
49
CS48L32
4.3 Digital Core
The control registers associated with the EQ functions are described in Table 4-12.
Table 4-12. EQ Enable and Gain Control
Register Address
Bit
Label
Default
Description
R43012 (0xA804)
FX_STATUS
11:0
FX_STS[11:0]
0x00
LHPF, DRC, EQ Enable Status. Indicates the status of each respective
signal-processing function. Each bit is coded as follows:
0 = Disabled
1 = Enabled
[11] = EQ4
[10] = EQ3
[9] = EQ2
[8] = EQ1
[7] = DRC2 (Right)
[6] = DRC2 (Left)
[5] = DRC1 (Right)
[4] = DRC1 (Left)
[3] = LHPF4
[2] = LHPF3
[1] = LHPF2
[0] = LHPF1
R43016 (0xA808)
EQ_CONTROL1
3
EQ4_EN
0
EQ4 Enable
0 = Disabled
1 = Enabled
2
EQ3_EN
0
EQ3 Enable
0 = Disabled
1 = Enabled
1
EQ2_EN
0
EQ2 Enable
0 = Disabled
1 = Enabled
0
EQ1_EN
0
EQ1 Enable
0 = Disabled
1 = Enabled
R43020 (0xA80C)
EQ_CONTROL2
3
EQ4_B1_MODE
0
EQ4 Band 1 Mode
0 = Shelving filter
1 = Peak filter
2
EQ3_B1_MODE
0
EQ3 Band 1 Mode
0 = Shelving filter
1 = Peak filter
1
EQ2_B1_MODE
0
EQ2 Band 1 Mode
0 = Shelving filter
1 = Peak filter
0
EQ1_B1_MODE
0
EQ1 Band 1 Mode
0 = Shelving filter
1 = Peak filter
R43024 (0xA810)
EQ1_GAIN1
28:24
EQ1_B4_GAIN[4:0]
0x0C
EQ1 Band n Gain (–12 dB to +12 dB in 1 dB steps)
20:16
EQ1_B3_GAIN[4:0]
0x0C
0x00 = –12 dB
0x01 = –11 dB
... (1 dB steps)
0x0C = 0 dB
... (1 dB steps)
0x17 = 11 dB
0x18 = 12 dB
All other codes are
reserved
12:8
EQ1_B2_GAIN[4:0]
0x0C
4:0
EQ1_B1_GAIN[4:0]
0x0C
R43028 (0xA814)
EQ1_GAIN2
4:0
EQ1_B5_GAIN[4:0]
0x0C
R43032 (0xA818)
to
R43088 (0xA850)
—
EQ1_*
—
EQ1 Frequency Coefficients. Refer to WISCE evaluation board control
software for the derivation of these field values.
R43092 (0xA854)
EQ2_GAIN1
28:24
EQ2_B4_GAIN[4:0]
0x0C
EQ2 Band n Gain (–12 dB to +12 dB in 1 dB steps)
20:16
EQ2_B3_GAIN[4:0]
0x0C
0x00 = –12 dB
0x01 = –11 dB
... (1 dB steps)
0x0C = 0 dB
... (1 dB steps)
0x17 = 11 dB
0x18 = 12 dB
All other codes are
reserved
12:8
EQ2_B2_GAIN[4:0]
0x0C
4:0
EQ2_B1_GAIN[4:0]
0x0C
R43096 (0xA858)
EQ2_GAIN2
4:0
EQ2_B5_GAIN[4:0]
0x0C
R43100 (0xA85C)
to
R43156 (0xA89C)
—
EQ2_*
—
EQ2 Frequency Coefficients. Refer to WISCE evaluation board control
software for the derivation of these field values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com