Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS48L32 Datasheet(PDF) 30 Page - Cirrus Logic

Part # CS48L32
Description  Low-Power Audio DSP with Microphone Interface
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS48L32 Datasheet(HTML) 30 Page - Cirrus Logic

Back Button CS48L32 Datasheet HTML 26Page - Cirrus Logic CS48L32 Datasheet HTML 27Page - Cirrus Logic CS48L32 Datasheet HTML 28Page - Cirrus Logic CS48L32 Datasheet HTML 29Page - Cirrus Logic CS48L32 Datasheet HTML 30Page - Cirrus Logic CS48L32 Datasheet HTML 31Page - Cirrus Logic CS48L32 Datasheet HTML 32Page - Cirrus Logic CS48L32 Datasheet HTML 33Page - Cirrus Logic CS48L32 Datasheet HTML 34Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 192 page
background image
30
Cirrus Logic
DS1219F4
CS48L32
4.2 Input Signal Path
The CS48L32 input paths can be configured for power-saving operation, ideal for always-on applications. The low-power
configurations allow the power consumption to be optimized with respect to the required audio performance
characteristics.
• If a signal path is configured for analog input, low-power operation can be selected by setting the respective IN1x_
LP_MODE bit.
The analog input path can be configured for mid-power operation by setting INn_OSR = 010. The IN1x_LP_MODE
bit should be cleared in the mid-power configuration. The maximum input-signal level is reduced by 6 dB if
mid-power operation is selected (see Table 3-4); the minimum PGA gain is 6 dB. The mid-power configuration is
deselected by setting INn_OSR = 101.
• If a signal path is configured for digital input, the respective INn_PDMCLK frequency is configured using the INn_
OSR bits. Reducing the INn_PDMCLK frequency reduces power consumption at the expense of audio
performance. The INn_OSR field also supports high performance PDM mode whenever 6.144 MHz INn_PDMCLK
is selected.
If 384 kHz or 768 kHz CLK frequency is selected, the maximum sample rate for the respective paths is restricted
as described in Table 4-1. If the input sample rates are set globally using IN_RATE (i.e., IN_RATE_MODE = 0), all
input paths are affected similarly.
The VOUT_MIC voltage is generated by an internal charge pump and LDO regulator. The MICBIAS1x outputs are derived
from VOUT_MIC; see Section 4.12.
The input signal paths are configured using the fields described in Table 4-3.
Table 4-3. Input Signal Path Configuration
Register Address
Bit
Label
Default
Description
R16392 (0x4008)
INPUT_RATE_
CONTROL
10
IN_RATE_
MODE
1
Input Path Sample Rate Configuration
0 = Global control (all input paths configured using IN_RATE)
1 = Individual channel control (using the respective INnx_RATE fields)
R16416 (0x4020)
INPUT1_
CONTROL1
18:16 IN1_OSR[2:0]
101
Input Path 1 Oversample Rate Control
If analog input is selected, this field is used to select Mid-Power Mode.
010 = Mid Power Mode
101 = Normal
All other codes are reserved
If digital input is selected, this field controls the IN1_PDMCLK frequency.
000 = 384 kHz
001 = 768 kHz
010 = 1.536 MHz
011 = 2.048 MHz
100 = 2.4576 MHz
101 = 3.072 MHz
110 = 6.144 MHz
111 = Reserved
9:8 IN1_PDM_
SUP[1:0]
00
Input Path 1 PDM Reference Select
Sets the IN1_PDMDATA and IN1_PDMCLK logic levels
00 = VOUT_MIC
01 = MICBIAS1
All other codes are reserved
0
IN1_MODE
0
Input Path 1 Mode
0 = Analog input
1 = Digital input
R16420 (0x4024)
IN1L_CONTROL1
29:28 IN1L_SRC[1:0]
00
Input Path 1 (Left) Source
00 = Differential (IN1LP_1–IN1LN_1)
01 = Single-ended (IN1LP_1)
10 = Differential (IN1LP_2–IN1LN_2)
11 = Single-ended (IN1LP_2)
2
IN1L_HPF
0
Input Path 1 (Left) HPF Enable
0 = Disabled
1 = Enabled
0
IN1L_LP_
MODE
0
Input Path 1 (Left) Low-Power Mode (applicable to analog input only)
0 = High Performance Mode
1 = Low Power Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com