Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS48L32 Datasheet(PDF) 97 Page - Cirrus Logic

Part # CS48L32
Description  Low-Power Audio DSP with Microphone Interface
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS48L32 Datasheet(HTML) 97 Page - Cirrus Logic

Back Button CS48L32 Datasheet HTML 93Page - Cirrus Logic CS48L32 Datasheet HTML 94Page - Cirrus Logic CS48L32 Datasheet HTML 95Page - Cirrus Logic CS48L32 Datasheet HTML 96Page - Cirrus Logic CS48L32 Datasheet HTML 97Page - Cirrus Logic CS48L32 Datasheet HTML 98Page - Cirrus Logic CS48L32 Datasheet HTML 99Page - Cirrus Logic CS48L32 Datasheet HTML 100Page - Cirrus Logic CS48L32 Datasheet HTML 101Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 192 page
background image
DS1219F4
Cirrus Logic
97
CS48L32
4.5 DSP Peripheral Control
4.5.5
Quad SPI Master Interface
The CS48L32 incorporates a quad-SPI master interface, offering flexible capability to support external components such
as flash-memory devices.
4.5.5.1
Overview
The SPI master interface (SPI2) supports high-speed data transfers to/from external components or accessories. It is
ideally suited to controlling flash-memory components. The interface supports four slave-select (SS) outputs and quad
(four-bit) data input/output. High-bandwidth transfers are supported at clock (SCK) frequencies up to 24.576 MHz.
The interface supports write, read, and write-then-read commands, enabling compatibility with a wide variety of control
protocols for external devices. In Host Mode, 64-byte data buffers are used to support continuous transfers (up to 4 MB)
across the external interface. In DMA Mode, the interface transfers data to/from a configurable location within the register
map; circular-buffer operation can be configured, accessing one region of address on a cyclic basis.
4.5.5.2
Interface Configuration
The SPI master interface speed (SCK frequency) is selected using SPI2_SCLK_FREQ_SEL. Clocking for the SPI
interface is derived from SYSCLK, which must be enabled and present whenever the SPI master interface is used. See
Section 4.8 for details of the system clocks.
Note that, depending on the SYSCLK frequency and the available dividers, the actual SCK frequency may differ from the
selected frequency. The SCK frequency, indicated by SPI2_SCLK_FREQ_STS, is the closest available frequency that is
less than or equal to the frequency selection.
The interface supports four slave-select (SS) outputs, enabling multiple devices to be individually accessed on a shared
bus. The active SS output is configured using SPI2_SS_SEL; the selected pin is asserted (Logic 0) at the start of a
transaction and deasserted (Logic 1) at the end. Timing of the SS function is configurable using SPI2_SS_IDLE_DUR and
SPI2_SS_DELAY_DUR as defined in Table 4-34. The SS output can also be asserted by setting SPI2_SS_FRC.
The interface supports selectable phase/polarity control of the clock (SCK) and data (SIO) lines; this is provided using
SPI2_DPHA, SPI2_CPHA, and SPI2_CPOL as described in Table 4-34.
The SPI master interface supports four data pins, SIO0 through SIO3, enabling high-speed transfers in parallel-data
configuration. The interface is configured for one-, two-, or four-bit data using SPI2_SIO_WIDTH. Quad-SPI operation is
supported using four-bit data.
If one-bit data is selected (SPI2_SIO_WIDTH = 0x0), the interface supports either bidirectional data on the SIO0 pin or
separate input/output data connections on SIO0 and SIO1—this is configured using SPI2_3WIRE.
R1167456 (0x11D060)
DSPGP_SET1_LEVEL1
R1167520 (0x11D0A0)
DSPGP_SET2_LEVEL1
R1167584 (0x11D0E0)
DSPGP_SET3_LEVEL1
R1167648 (0x11D120)
DSPGP_SET4_LEVEL1
R1167712 (0x11D160)
DSPGP_SET5_LEVEL1
R1167776 (0x11D1A0)
DSPGP_SET6_LEVEL1
R1167840 (0x11D1E0)
DSPGP_SET7_LEVEL1
R1167904 (0x11D220)
DSPGP_SET8_LEVEL1
15 DSPGP16_SETn_LVL
0
DSP SETn GPIO16 Output Level
0 = Logic 0, 1 = Logic 1
14 DSPGP15_SETn_LVL
0
DSP SETn GPIO15 Output Level
13 DSPGP14_SETn_LVL
0
DSP SETn GPIO14 Output Level
12 DSPGP13_SETn_LVL
0
DSP SETn GPIO13 Output Level
11 DSPGP12_SETn_LVL
0
DSP SETn GPIO12 Output Level
10 DSPGP11_SETn_LVL
0
DSP SETn GPIO11 Output Level
9
DSPGP10_SETn_LVL
0
DSP SETn GPIO10 Output Level
8
DSPGP9_SETn_LVL
0
DSP SETn GPIO9 Output Level
7
DSPGP8_SETn_LVL
0
DSP SETn GPIO8 Output Level
6
DSPGP7_SETn_LVL
0
DSP SETn GPIO7 Output Level
5
DSPGP6_SETn_LVL
0
DSP SETn GPIO6 Output Level
4
DSPGP5_SETn_LVL
0
DSP SETn GPIO5 Output Level
3
DSPGP4_SETn_LVL
0
DSP SETn GPIO4 Output Level
2
DSPGP3_SETn_LVL
0
DSP SETn GPIO3 Output Level
1
DSPGP2_SETn_LVL
0
DSP SETn GPIO2 Output Level
0
DSPGP1_SETn_LVL
0
DSP SETn GPIO1 Output Level
Table 4-33. DSP GPIO Control (Cont.)
Register Address
Bit
Label
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com