Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS48L32 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS48L32
Description  Low-Power Audio DSP with Microphone Interface
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS48L32 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS48L32 Datasheet HTML 9Page - Cirrus Logic CS48L32 Datasheet HTML 10Page - Cirrus Logic CS48L32 Datasheet HTML 11Page - Cirrus Logic CS48L32 Datasheet HTML 12Page - Cirrus Logic CS48L32 Datasheet HTML 13Page - Cirrus Logic CS48L32 Datasheet HTML 14Page - Cirrus Logic CS48L32 Datasheet HTML 15Page - Cirrus Logic CS48L32 Datasheet HTML 16Page - Cirrus Logic CS48L32 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 192 page
background image
13
Cirrus Logic
DS1219F4
CS48L32
3 Characteristics and Specifications
Table 3-12. System Clock and Frequency-Locked Loop (FLL)
The following timing information is valid across the full range of recommended operating conditions.
Parameter
Minimum
Typical
Maximum Units
Master clock
timing (MCLK1) 1
1.If MCLK1 is selected as a source for SYSCLK (either directly or via the FLL), the frequency must be within 1% of the SYSCLK_FREQ setting.
MCLK cycle time
MCLK as input to FLL, FLL1_REFCLK_DIV = 00
MCLK as input to FLL, FLL1_REFCLK_DIV = 01
MCLK as input to FLL, FLL1_REFCLK_DIV = 10
MCLK as input to FLL, FLL1_REFCLK_DIV = 11
MCLK as direct SYSCLK source
77
38
19
12.5
20
—
—
—
—
—
—
—
—
—
—
ns
ns
ns
ns
ns
MCLK duty cycle
MCLK as input to FLL
MCLK as direct SYSCLK source
80:20
60:40
—
—
20:80
40:60
%
%
Frequency-locked
loop (FLL1)
FLL input frequency
FLL1_REFCLK_DIV = 00
FLL1_REFCLK_DIV = 01
FLL1_REFCLK_DIV = 10
FLL1_REFCLK_DIV = 11
0.032
0.064
0.128
0.256
—
—
—
—
13
26
52
80
MHz
MHz
MHz
MHz
Internal clocking
SYSCLK frequency
SYSCLK_FREQ = 000, SYSCLK_FRAC = 0
SYSCLK_FREQ = 000, SYSCLK_FRAC = 1
SYSCLK_FREQ = 001, SYSCLK_FRAC = 0
SYSCLK_FREQ = 001, SYSCLK_FRAC = 1
SYSCLK_FREQ = 010, SYSCLK_FRAC = 0
SYSCLK_FREQ = 010, SYSCLK_FRAC = 1
SYSCLK_FREQ = 011, SYSCLK_FRAC = 0
SYSCLK_FREQ = 011, SYSCLK_FRAC = 1
SYSCLK_FREQ = 100, SYSCLK_FRAC = 0
SYSCLK_FREQ = 100, SYSCLK_FRAC = 1
–1%
–1%
–1%
–1%
–1%
–1%
–1%
–1%
–1%
–1%
6.144
5.6448
12.288
11.2896
24.576
22.5792
49.152
45.1584
98.304
90.3168
+1%
+1%
+1%
+1%
+1%
+1%
+1%
+1%
+1%
+1%
MHz
MHz
MHz
MHz
MHz
MHz
MHz
MHz
MHz
MHz
Table 3-13. Digital Input (PDM/DMIC) Interface Timing
The following timing information is valid across the full range of recommended operating conditions.
Parameter 1
1.PDM/DMIC interface timing
Symbol
Minimum
Typical
Maximum
Units
INn_PDMCLK cycle time
tCY
160
163
1432
ns
INn_PDMCLK duty cycle
—
45
—
55
%
INn_PDMCLK rise/fall time (25 pF load, 1.8 V supply)
tr, tf
5
—
30
ns
INn_PDMDATA (left) setup time to falling PDMCLK edge
tLSU
15
—
—
ns
INn_PDMDATA (left) hold time from falling PDMCLK edge
tLH
0—
—
ns
INn_PDMDATA (right) setup time to rising PDMCLK edge
tRSU
15
—
—
ns
INn_PDMDATA (right) hold time from rising PDMCLK edge
tRH
0—
—
ns
Note: The voltage reference for the DMIC interfaces is selectable, using the INn_PDM_SUP fields—each interface may be referenced to
VOUT_MIC or MICBIAS1.
(left data)
(right data )
INn_PDMDATA
(input)
VIL
VIH
tRH
tRSU
tLH
tLSU
VL
INn_PDMCLK
(output)
tCY
VH
tr
tf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com