Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9721 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # STAC9721
Description  Stereo AC 97 Codec With Multi-Codec Option
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STAC9721 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button STAC9721 Datasheet HTML 6Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 7Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 8Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 9Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 10Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 11Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 12Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 13Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
SigmaTel, Inc.
Data Sheet
STAC9721
10
04/07/00
04/07/00
2. AC-LINK
Below is the figure of the AC-Link point to point serial interconnect between the STAC9721/23 and its
companion controller. All digital audio streams and command/status information are communicated over
this AC-Link. Please refer to the “Digital Interface” section 3 for details.
Figure 3. STAC9721/23’s AC-Link to its companion controller
SYNC
BIT CLK
SDATA_OUT
SDATA_IN
RESET
Digital
DC’97
Controller
SigmaTel
AC’97 Codec
XTAL_IN
XTAL_OUT
2.1 Clocking
STAC9721/23 derives its clock internally from an externally connected 24.576 MHz crystal or an
oscillator through the XTAL_IN pin. Synchronization with the AC'97 controller is achieved through the
BIT_CLK pin at 12.288 MHz (half of crystal frequency).
The beginning of all audio sample packets, or “Audio Frames”, transferred over AC-Link is synchronized
to the rising edge of the “SYNC” signal driven by the AC'97 controller. Data is transitioned on AC-Link
on every rising edge of BIT_CLK, and subsequently sampled by the receiving side on each immediately
following falling edge of BIT_CLK.
2.2 Reset
There are 3 types of resets as detailed under “Timing Characteristics”.
• “cold” reset where all STAC9721/23 logic and registers are initialized to their default state
• “warm” reset where the contents of the STAC9721/23 register set are left unaltered
• “register” reset which only initializes the STAC9721/23 registers to their default states
After signaling a reset to the STAC9721/23, the AC'97 controller should not attempt to play or capture
audio data until it has sampled a “Codec Ready” indication via register 26h from the STAC9721/23. For
proper reset operation SDATA_OUT should be “0” during “cold” reset. See “Testability” section for
more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com