Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9721 Datasheet(PDF) 46 Page - List of Unclassifed Manufacturers

Part # STAC9721
Description  Stereo AC 97 Codec With Multi-Codec Option
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STAC9721 Datasheet(HTML) 46 Page - List of Unclassifed Manufacturers

Back Button STAC9721 Datasheet HTML 40Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 41Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 42Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 43Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 44Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 45Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 46Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 47Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 48Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 46 / 48 page
background image
SigmaTel, Inc.
Data Sheet
STAC9721
46
04/07/00
04/07/00
Appendix B
+5.0V/+3.3V POWER SUPPLY OPERATION NOTES
The STAC9721 is capable of operating from a single 5V supply connected to both DVdd and AVdd.
Even though the STAC9721 has digital switching levels of 0.2Vdd to 0.5Vdd (See AC Link Electrical
Characteristics in this data book), we recommend that all digital interface signals to the AC-Link be 5V.
If digital interface signals below 5V are used, then appropriate level shifting circuitry must be provided to
ensure adequate digital noise immunity.
The STAC9721 can also operate from a 3.3V digital supply connected to DVdd while maintaining a 5V
analog supply on AVdd. On-chip level shifters ensure accurate logic transfers between the analog and
digital portions of the STAC9721. If digital interface signals above 3.3V are used (i.e. a +5V AC-Link
interface), then appropriate level shifting circuitry must be provided to ensure adequate digital noise
immunity and to prevent on-chip ESD protection diodes from turning on. (See Appendixes A concerning
SPLIT INDEPENDENT POWER SUPPLY OPERATION).
The STAC9723 must be run from a 3.3V supply connected to both DVdd and AVdd. If digital interface
signals above 3.3V are used (i.e. a +5V AC-Link interface), then appropriate level shifting circuitry must
be provided to ensure adequate digital noise immunity and to prevent on-ship ESD protection diodes
from turning on.
*Always operate the STAC97xx digital supply from the same supply voltage as the digital
controller supply.
*All the analog inputs must be ac-coupled with a capacitor of 0.1
µµµµF or greater. It is recommended
that a resistor of about 47K
Ω
Ω
Ω
Ω be connected from the signal side of the capacitor to analog GND as
shown below.
*All the analog outputs must be ac-coupled. If an external amplifier is used, make sure that the
input impedance of the amplifier is at least 10K
Ω
Ω
Ω
Ω and use an ac-coupling capacitor of 1.0 µµµµF.
47K
> 1.0 uF
SIGNAL
Analog Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com