Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9721 Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers

Part # STAC9721
Description  Stereo AC 97 Codec With Multi-Codec Option
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STAC9721 Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button STAC9721 Datasheet HTML 25Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 26Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 27Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 28Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 29Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 30Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 31Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 32Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
SigmaTel, Inc.
Data Sheet
STAC9721
29
04/07/00
04/07/00
values if the software profile of the STAC9721/23 changes, as in the case of silicon level
device modifications. This will allow the software driver to identify any required
operational differences between the existing STAC9721/23 and any future versions.
5. Low Power Modes
The STAC9721/23 is capable of operating at reduced power when no activity is required. The state of
power down is controlled by the Powerdown Register (26h). There are 7 commands of separate power
down. The power down options are listed in Table 18. The first three bits , PR0..PR2, can be used
individually or in combination with each other, and control power distribution to the ADC’s, DAC’s and
Mixer. The last analog power control bit, PR3, affects analog bias and reference voltages, and can only
be used in combination with PR1, PR2, and PR3. PR3 essentially removes power from all analog
sections of the codec, and is generally only asserted when the codec will not be needed for long periods.
PR0 and PR1 control the PCM ADC’s and DAC’s only. PR2 and PR3 do not need to be "set" before a
PR4, but PR0 and PR1 must be "set" before PR4.
Table 20. Low Power Modes
GRP Bits
Function
PR0
PCM in ADC’s & Input Mux Powerdown
PR1
PCM out DACs Powerdown
PR2
Analog Mixer powerdown (Vref still on)
PR3
Analog Mixer powerdown (Vref off)
PR4
Digital Interface (AC-Link) powerdown (extnl clk off)
PR5
Internal Clk disable
PR6
LNLVL_OUT disable
Figure 11. Example of STAC9721/23 Powerdown/Powerup flow
PR0=1
PR1=1
PR2=1
PR4=1
Default
Normal
ADCs off
PR0
DACs off
PR1
Analog off
PR2 or PR3
Digital I/F off
PR4
Shut off
Coda-link
PR0=0
&
ADC=1
PR1=0
&
DAC=1
PR2=0
&
ANL=1
Warm Reset
Cold Reset
Ready =1
The above figure illustrates one example procedure to do a complete powerdown of STAC9721/23.
From normal operation, sequential writes to the Powerdown Register are performed to power down
STAC9721/23 a piece at a time. After everything has been shut off, a final write (of PR4) can be
executed to shut down the AC-Link. The part will remain in sleep mode with all its registers holding
their static values. To wake up, the AC'97 controller will send an extended pulse on the sync line,
issuing a warm reset. This will restart the AC-Link (resetting PR4 to zero). The STAC9721/23 can also
be woken up with a cold reset. A cold reset will reset all of the registers to their default states. When a
section is powered back on, the Powerdown Control/Status register (index 26h) should be read to verify
that the section is ready (stable) before attempting any operation that requires it.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com