Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9721 Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # STAC9721
Description  Stereo AC 97 Codec With Multi-Codec Option
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STAC9721 Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button STAC9721 Datasheet HTML 19Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 20Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 21Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 22Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 23Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 24Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 25Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 26Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
SigmaTel, Inc.
Data Sheet
STAC9721
23
04/07/00
04/07/00
4.4.4 Analog Mixer Input Gain Registers (Index 0Ch - 18h)
These registers control the gain/attenuation for each of the analog inputs. Each step
corresponds to approximately 1.5 dB. The MSB of the register is the mute bit. When
this bit is set to 1 the level for that channel is set at -
∞ dB. Register 0Eh (Mic Volume
Register) has an extra bit that is for a 20dB boost. When bit D6 is set to 1, the +20 dB
boost is on. The default value is 8008, which corresponds to 0 dB gain, bost off, and
mute on. The default value for the mono registers is 8008h, which is to 0dB gain with
mute on. The default value for stereo registers is 8808h, which is 0 dB gain with mute
on.
Table 10. Analog Mixer Input Gain Register
Mute
Gx4…Gx0
Function
0
00000
+12 dB gain
0
01000
0 dB gain
0
11111
-34.5 dB gain
1
xxxxx
-
∞ dB gain
4.4.5
Record Select Control Register (Index 1Ah)
Used to select the record source independently for right and left. The default value is
0000h, which corresponds to MIC in.
Table 11. Record Select Control Registers
SR2…SR0
Right Record Source
0
MIC
1
CD In (right)
2
Video In (right)
3
Aux In (right)
4
Line In (right)
5
Stereo Mix (right)
6
Mono Mix
7
Phone
Table 12. Left Record Select Control Registers
SL2…SL0
Left Record Source
0
MIC
1
CD In (L)
2
Video In (L)
3
Aux In (L)
4
Line In (L)
5
Stereo Mix (L)
6
Mono Mix
7
Phone



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com