Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9721 Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # STAC9721
Description  Stereo AC 97 Codec With Multi-Codec Option
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STAC9721 Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button STAC9721 Datasheet HTML 24Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 25Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 26Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 27Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 28Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 29Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 30Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 31Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
SigmaTel, Inc.
Data Sheet
STAC9721
28
04/07/00
04/07/00
Table 19. Multi-Channel Programming Register
External
Pins
CID1, CID0
Extended
Audio ID
28h
ID1, ID0
Codec
Designation
Multi-
Channel
Selection
74h
MC1, MC0
PCM
OUT Left
PCM
OUT
Right
0, 0
Slot 3
Slot 4
0, 1
Slot 7
Slot 8
1, 0
Slot 6
Slot 9
CID1 = DVdd
or floating,
CID0 = DVdd
or floating
0, 0
Primary, 00
1, 1
Slot 10
Slot 11
0, 0
Slot 3
Slot 4
0, 1
Slot 7
Slot 8
1, 0
Slot 6
Slot 9
CID1 = DVdd
or floating,
CID0 = GND
0, 1
Secondary, 01
1, 1
Slot 10
Slot 11
0, 0
Slot 7
Slot 8
0, 1
Slot 3
Slot 4
1, 0
Slot 10
Slot 11
CID1 = GND,
CID0 = DVdd
or floating
1, 0
Secondary, 10
1, 1
Slot 6
Slot 9
0, 0
Slot 6
Slot 9
0, 1
Slot 10
Slot 11
1, 0
Slot 3
Slot 4
CID1 = GND,
CID0 = GND
1, 1
Secondary, 11
1, 1
Slot 7
Slot 8
4.4.14 Clock Access (Index 76h and 78h)
The Clock Access register (index 78h) is a locked register and can only be properly
written and read from when ABBAh has been written into register 76h.
The
STAC9744/45 can operate as a remotely located secondary without a 24.576MHz master
clock input or local crystal. The STAC9744/45 can synchronize to the BIT_CLK after a
register adjustments. The first adjustment starts the synchronization process by enabling
the ALTCLK D13, PWD CL2x D12, CLK INV D11, and OSC PWD D1 bits of register
78h. With this adjustment, the STAC9744/45 will operate remotely without the 24.576
MHz master clock signal and without a local crystal. The XTAL_IN input should be
connected to DGND with a 10k
Ω or larger resistor. The reserved bits of register 78h
should not be written to.
4.4.15 Vendor ID1 and ID2 (Index 7Ch and 7Eh)
These two registers contain four 8-bit ID codes. The first three codes have been assigned
by Microsoft using their Plug and Play Vendor ID methodology. The fourth code is a
SigmaTel, Inc. assigned code identifying the STAC9721/23. The ID1 register (index
7Ch) contains the value 8384h, which is the first (83h) and second (84h) characters of the
MicrosoftID code. The ID2 register (index 7Eh) contains the value 7609h, which is the
third (76h) of the MicrosoftID code, and 09h which is the STAC9721/23 ID code.
NOTE: The lower half of the Vendor ID2 register (index 7Eh) currently contains the
value 09h identifying the STAC9721/23. This value can be used by the audio driver, or
miniport driver in the case of WIN98, to adjust software functionality to match the
feature-set of the STAC9721/23. This portion of the register will likely contain different



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com