Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9721 Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # STAC9721
Description  Stereo AC 97 Codec With Multi-Codec Option
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STAC9721 Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button STAC9721 Datasheet HTML 20Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 21Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 22Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 23Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 24Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 25Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 26Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 27Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
SigmaTel, Inc.
Data Sheet
STAC9721
24
04/07/00
04/07/00
4.4.6 Record Gain Registers (Index 1Ch)
The 1Ch register adjusts the stereo input record gain. Each step corresponds to 1.5 dB.
The 22.5 dB setting corresponds to 0F0Fh.
The MSB of the register is the mute bit.
When this bit is set to 1, the level for that channel(s) is set at -
∞ dB.
The default value is 8000h, which is to 0 dB gain with mute on.
Table 13. Record Gain Registers
Mute
Gx3… Gx0
Function
0
1111
+22.5 dB gain
0
0000
0 dB gain
1
xxxx
-
∞ gain
4.4.7 General Purpose Register (Index 20h)
This register is used to control some miscellaneous functions. Below is a summary of
each bit and its function. The MS bit controls the MIC1/MIC2 selector, and the MIX bit
controls the Mix/MIC selector. The LPBK bit enables loopback of the ADC output to the
DAC input without involving the AC-Link, allowing for full system performance
measurements.
The 3D bit enables or disables the SS3D speaker separation 3D
enhancement.
Table 14. General Purpose Register
Bit
Function
3D
3D Stereo Enhancement
0 = off, 1 = on
MIX
Mono output select 0 = Mix, 1= MIC
MS
Mic select 0 = MIC1, 1 = MIC2
LPBK
ADC/DAC loopback mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com