Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9721 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # STAC9721
Description  Stereo AC 97 Codec With Multi-Codec Option
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STAC9721 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button STAC9721 Datasheet HTML 9Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 10Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 11Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 12Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 13Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 14Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 15Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 16Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
SigmaTel, Inc.
Data Sheet
STAC9721
13
04/07/00
04/07/00
Figure 6. Start of an Audio Output Frame
SYNC
BIT_CLK
SDATA_OUT
first SDATA_OUT bit of frame here
SYNC assertion here
valid
Frame
slot1
slot2
End of previous audio frame
SDATA_OUT’s composite stream is MSB justified (MSB first) with all non-valid slots’
bit positions stuffed with 0’s by the AC'97 controller.
.
When mono audio sample streams are sent from the AC'97 controller it is necessary that
BOTH left and right sample stream time slots be filled with the same data.
3.1.1.1
Slot 1: Command Address Port
The command port is used to control features, and monitor status (see Audio Input Frame
Slots 1 and 2) of the STAC9721/23 functions including, but not limited to, mixer
settings, and power management (refer to the control register section of this
specification).
The control interface architecture supports up to 64 16-bit read/write registers,
addressable on even byte boundaries. Only the even registers (00h, 02h, etc.) are valid.
Audio output frame slot 1 communicates control register address, and write/read
command information to the STAC9721/23.
Command Address Port bit assignments:
Bit (19) Read/Write command (1= read, 0=write)
Bit (18:12)
Control Register Index (64 16-bit locations, addressed on even byte
boundaries)
Bit (11:0)
Reserved (Stuffed with 0's)
The first bit (MSB) sampled by STAC9721/23 indicates whether the current control
transaction is a read or a write operation. The following 7 bit positions communicate the
targeted control register address. The trailing 12 bit positions within the slot are reserved
and must he stuffed with 0's by the AC'97 controller.
3.1.1.2
Slot 2: Command Data Port
The command data port is used to deliver 16-bit control register write data in the event
that the current command port operation is a write cycle. (as indicated by Slot 1, bit 19)
Bit (19:4)
Control Register Write Data
(Stuffed with 0's if current operation is a
read)
Bit (3 :0)
Reserved
(Stuffed with 0's)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com