Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9721 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # STAC9721
Description  Stereo AC 97 Codec With Multi-Codec Option
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STAC9721 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button STAC9721 Datasheet HTML 35Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 36Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 37Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 38Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 39Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 40Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 41Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 42Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
SigmaTel, Inc.
Data Sheet
STAC9721
39
04/07/00
04/07/00
10.3
Power Consumption
Table 31: Power Consumption at Default Analog Current
PARAMETER
MIN
TYP
MAX UNITS
Digital Supply Current
+ 5V Digital: DAC and ADC Active
+ 3.3V Digital: DAC and ADC Active
+ 3.3V Digital: DAC and ADC Muted
30
20
7
mA
mA
mA
Analog Supply Current
+ 5V Analog: PC_BEEP Muted
+ 3.3V Analog: PC_BEEP Muted
38
34
mA
mA
Power Down Status
PR0
+5V Analog Supply Current
PR1
+5V Analog Supply Current
PR2
+5V Analog Supply Current
PR3
+5V Analog Supply Current
PR0,1,2,3 +5V Analog Supply Current
PR4
+3.3V Digital Supply Current
PR4
+5V Digital Supply Current
PR5
No Effect
28
37
28
1.1
0.6
0.1
0.1
mA
mA
mA
mA
mA
mA
mA
Table 32: Power Consumption at 3.3V Analog, Low Current Mode*
PARAMETER
MIN
TYP
MAX UNITS
Digital Supply Current
+ 3.3V Digital with DAC and ADC Active
20
mA
Analog Supply Current
+ 3.3V Analog with DAC and ADC Muted
19
mA
Power Down Status
PR0
+3.3V Analog Supply Current
PR1
+3.3V Analog Supply Current
PR2
+3.3V Analog Supply Current
PR3
+3.3V Analog Supply Current
PR0,1,2,3 +3.3V Analog Supply Current
PR4
+3.3V Digital Supply Current
PR5
No Effect
15
19
15
0.4
0.4
0.1
mA
mA
mA
mA
mA
mA
* -50% Analog Current Setting (Recommended for 3.3V Analog only): Register 70h=ABBAh, 72h=0002h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com