Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9721 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # STAC9721
Description  Stereo AC 97 Codec With Multi-Codec Option
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STAC9721 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  STAC9721 Datasheet HTML 1Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 2Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 3Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 4Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 5Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 6Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 7Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 8Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
SigmaTel, Inc.
Data Sheet
STAC9721
5
04/07/00
04/07/00
Figure 2. STAC9721/23 Block Diagram
The STAC9721/23 block diagram is illustrated above. It performs fixed 48K sample rate D-A & A-D
conversion, mixing, and analog processing. The digital interface communicates with the AC'97 controller
via the five wire AC-Link and contains the 64 word by 16-bit registers. Two, fixed 48Ks/s DAC’s
support two stereo PCM-out channels. The digital mix of all software sources, including the internal
synthesizer and any other digital sources, is performed in the digital controller. The Mixer block mixes
the PCM_OUT with any analog sources, then outputs to LINE_OUT and LNLVL_OUT.
The
MONO_OUT delivers either mic only or a mono mix of sources from the mixer. The two fixed 48Ks/s
ADC’s take any mix of mono or stereo sources and convert it to a stereo PCM-in signal. All ADC's and
DAC's operate at 18-bit resolution.
The STAC9721/23 is designed primarily to support stereo, 2-speaker audio. However, true AC-3
playback can be achieved for 6-speaker applications by taking advantage of the multi-codec option in the
STAC9721/23. Using this option with a STAC9704/07/21/23 or the 4-channel STAC9708 as the primary
codec, and the STAC9721/23 as the secondary codec, 6-channel output can be achieved in an AC'97
architecture. Also, the STAC9721/23 provides for a stereo enhancement feature, SigmaTel Surround 3D
or SS3D. SS3D provides the listener with several options to expand the soundstage beyond the normal 2-
speaker arrangement.
Together, with the logic component (controller or advanced core logic chip-set) of AC'97, the
STAC9721/23 can be SoundBlasterand Windows Sound Systemcompatible. SoundBlasteris a
registered trademark of Creative Labs. Windowsis a registered trademark of Microsoft Corporation.
LINE_OUT
MONO_OUT
MIC1
MIC2
M
U
X
MIXER
Analog mixing
and
Gain control
DAC
DAC
ADC
ADC
Power
Management
Digital
Interface
Registers
64 x 16 bits
Mic
Boost
0/20 dB
PCM out DACs
PCM in ADCs
AC-link
4 stereo
sources
2 mono sources
mono
stereo
48Kss
48Kss
SYNC
BIT_CLK
SDATA_OUT
SDATA_IN
RESET
LNLVL_OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com