Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9721 Datasheet(PDF) 40 Page - List of Unclassifed Manufacturers

Part # STAC9721
Description  Stereo AC 97 Codec With Multi-Codec Option
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STAC9721 Datasheet(HTML) 40 Page - List of Unclassifed Manufacturers

Back Button STAC9721 Datasheet HTML 36Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 37Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 38Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 39Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 40Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 41Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 42Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 43Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 44Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 48 page
background image
SigmaTel, Inc.
Data Sheet
STAC9721
40
04/07/00
04/07/00
Table 33: Reduced Analog Power Settings Typical Supply Current
Condition
3.3V Analog
5V Analog
Default Analog Current
Reset
All Un-Muted
ADC, LINE Thru, PC_BEEP active
DAC, LINE Thru, PC_BEEP active
All but DAC and ADC
30
65
36
51
41
40
82
60
57
47
-25% Analog Current
Reset
All Un-Muted
ADC, LINE Thru, PC_BEEP active
DAC, LINE Thru, PC_BEEP active
All but DAC and ADC
24
52
29
41
33
32
67
50
46
37
-50% Analog Current
Reset
All Un-Muted
ADC, LINE Thru, PC_BEEP active
DAC, LINE Thru, PC_BEEP active
All but DAC and ADC
17
38
21
30
24
This Setting Not
Recommended
+25% Analog Current
Reset
All Un-Muted
ADC, LINE Thru, PC_BEEP active
DAC, LINE Thru, PC_BEEP active
All but DAC and ADC
35
75
43
54
48
46
94
69
67
55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com