Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9721 Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # STAC9721
Description  Stereo AC 97 Codec With Multi-Codec Option
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STAC9721 Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button STAC9721 Datasheet HTML 23Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 24Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 25Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 26Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 27Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 28Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 29Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 30Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
SigmaTel, Inc.
Data Sheet
STAC9721
27
04/07/00
04/07/00
4.4.12 Analog Current Adjust (Index 70h and 72h)
The Analog Current Adjust register (index 72h) is a locked register and can only be
properly written and read from when ABBAh has been written into register 70h. The
BIASx bits allow the analog current to be adjusted with minimal reduction in
performance. The –50% analog current setting is not recommended when a 5V analog
supply is used. The –50% setting for 3.3V supplies is recommended to reduce power
consumption for notebook computers to its lowest level.
Table 18: Analog Current Adjust
BIAS1
BIAS0
Analog Current
0
0
Normal Current
0
1
-50% Analog
Current
1
0
-25% Analog
Current
1
1
+25% Analog
Current
4.4.13 Multi-Channel Programming Register (Index 74h)
This read/write register is used to program the various options for multi-channel
configurations. Only the two LSBs are used (MC0 and MC1), and they define which
AC-Link slot data is supplied to the two PCM output channels on the STAC9721/23.
The purpose of using slot 10 and 11 in the final configuration is to allow for the
possibility of an eight-channel architecture using several STAC9721/23 or STAC9708
devices in the multi-codec configuration. Also see “Multiple Codec Support” discussion
for information on the use of external pins CID1 and CID0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com