Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9721 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # STAC9721
Description  Stereo AC 97 Codec With Multi-Codec Option
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STAC9721 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button STAC9721 Datasheet HTML 5Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 6Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 7Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 8Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 9Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 10Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 11Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 12Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
SigmaTel, Inc.
Data Sheet
STAC9721
9
04/07/00
04/07/00
1.3 Filter/References/GPIO
These signals are connected to resistors, capacitors, specific voltages, or provide general purpose I/O.
Table 5. Filtering and Voltage References
Signal Name
Type
Description
Vref
O
Reference Voltage
Vrefout
O
Reference Voltage out 5mA drive (intended for mic
bias)
AFILT1
O
Anti-Aliasing Filter Cap - ADC channel
AFILT2
O
Anti-Aliasing Filter Cap - ADC channel
CAP1
O
Analog Output Hold-Off Delay
CAP2
O
ADC reference Cap
CAP3
O
Anti-Pop Power Sustain Delay
APOP
O
Anti-Pop Output Ground Shunt Control
EAPD
O
External Amplifier Power Down Control
1.4 Power and Ground Signals
Table 6. Power Signal List STAC9721/23
Signal Name
Type
STAC9721
STAC9723
AVdd1
I
Analog Vdd = 5.0V
Analog Vdd = 3.3V
AVdd2
I
Analog Vdd = 5.0V
Analog Vdd = 3.3V
AVss1
I
Analog Gnd
Analog Gnd
AVss2
I
Analog Gnd
Analog Gnd
DVdd1
I
Digital Vdd = 5.0V or 3.3V
Digital Vdd = 3.3V
DVdd2
I
Digital Vdd = 5.0V or 3.3V
Digital Vdd = 3.3V
DVss1
I
Digital Gnd
Digital Gnd
DVss2
I
Digital Gnd
Digital Gnd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com