Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9721 Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # STAC9721
Description  Stereo AC 97 Codec With Multi-Codec Option
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STAC9721 Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button STAC9721 Datasheet HTML 18Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 19Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 20Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 21Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 22Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 23Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 24Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 25Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
SigmaTel, Inc.
Data Sheet
STAC9721
22
04/07/00
04/07/00
4.4.1 Reset Register (Index 00h)
Writing any value to this register performs a register reset, which causes all registers to
revert to their default values. This register returns the AC’97 ID code of the part when
read.
4.4.2 Play Master Volume Registers (Index 02h, 04h, and 06h)
These registers manage the output signal volumes. Register 02h controls the stereo
master volume (both right and left channels), register 04h controls the optional stereo true
line level out, and register 06h controls the mono volume output. Each step corresponds
to 1.5 dB. The MSB of the register is the mute bit. When this bit is set to 1 the level for
that channel is set at -
∞ dB. ML5 through ML0 is for left channel level, MR5 through
MR0 is for the right channel and MM5 through MM0 is for the mono out channel. If
optional bits D13 and D5 of register 02h and 04h, or D5 of register 06h are set to 1, then
the corresponding attenuation is set to 46dB and the register reads will produce 1Fh as a
value for this attenuation/gain block
Table 8. Play Master Volume Register
Mute
Mx5…Mx0
Function
Range
0
00 0000
0dB Attenuation
Req.
0
01 1111
46.5 Attenuation
Req.
1
xx xxxx
∞ dB
Attenuation
Req.
4.4.3 PC Beep Register (Index 0Ah)
This register controls the level for the PC Beep input. Each step corresponds to
approximately 3 dB of attenuation. The MSB of the register is the mute bit. When this
bit is set to 1 the level for that channel is set at -
∞ dB. PC_BEEP supports motherboard
implementations. The intention of routing PC_BEEP through the STAC9721/23 mixer is
to eliminate the requirement for an onboard speaker by guaranteeing a connection to
speakers connected via the output jack. In order for this to be viable the PC_BEEP signal
needs to reach the output jack at all times. NOTE: the PC_BEEP is routed to L & R
Line outputs even when the STAC9721/23 is in a RESET state. This is so that Power On
Self Test (POST) codes can be heard by the user in case of a hardware problem with the
PC. For further PC_BEEP implementation details please refer to the AC'97 Technical
FAQ sheet. The default value of 0000h corresponds to 0 dB attenuation with mute off.
Table 9. PC_BEEP Register
Mute
PV3…PV0
Function
0
0000
0 dB Attenuation
0
1111
45 dB Attenuation
1
xxxx
∞ dB Attenuation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com