Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9721 Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # STAC9721
Description  Stereo AC 97 Codec With Multi-Codec Option
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STAC9721 Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button STAC9721 Datasheet HTML 21Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 22Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 23Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 24Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 25Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 26Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 27Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 28Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
SigmaTel, Inc.
Data Sheet
STAC9721
25
04/07/00
04/07/00
4.4.7 3D Control Register (Index 22h)
This register is used to control the 3D stereo enhancement function, SigmaTel Surround
3D (SS3D), built into the codec. SS3D provides for a wider soundstage and speaker
separation for 2-speaker arrangements. Register bits, DP3-DP2 are used to control the
separation ratios in the 3D control for LINE_OUT. The 3D bit in the general purpose
register (register 20h bit D13) must be set to 1 to enable SS3D functionality and for the
bits in 22h to take effect.
Table 15. 3D Control Registers
DP3..DP0
LINE_OUT
Separation Ratio
00XX
0 (Off)
01XX
3 (Low)
10XX
4.5 (Med.)
11XX
6.0 (High)
The three separation ratios are implemented as shown above. The separation ratio defines
a series of equations that determine the amount of depth difference (High, Medium, and
Low) perceived during two-channel playback. The ratios provide an indication of how
much soundstage increase can be expected.
4.4.8 Powerdown Control/Status Register (Index 26h)
This read/write register is used to program powerdown states and monitor subsystem
readiness. The lower half of this register is read only status, a “1” indicating that the
subsection is “ready”. Ready is defined as the subsection’s ability to perform in its
nominal state. When this register is written, bits D7:D0 will not be affected. Bit D15
controls the External Amplifier Power Down pin.
When the AC-Link “Codec Ready” indicator bit (SDATA_IN slot 0, bit 15) is a 1, it
indicates that the AC-Link and AC'97 control and status registers are in a fully
operational state.
The AC'97 controller must further probe this Powerdown
Control/Status Register (D3:D0) to determine exactly which subsections, if any are ready.
Table 16. Powerdown Status Registers
BIT
FUNCTION
EAPD
External Amplifier Power Down
REF
Indicates VREF is at nominal level
ANL
Analog mixers, etc. ready
DAC
DAC section ready to playback data
ADC
ADC section ready to playback data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com