Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9721 Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # STAC9721
Description  Stereo AC 97 Codec With Multi-Codec Option
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STAC9721 Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button STAC9721 Datasheet HTML 29Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 30Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 31Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 32Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 33Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 34Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 35Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 36Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
SigmaTel, Inc.
Data Sheet
STAC9721
33
04/07/00
04/07/00
8. EXTENDED CODEC FUNCTIONALITY
8.1 Anti-Pop Circuitry
The STAC9721/23 provides an integrated output signal (APOP on pin 34) to aid in low-component-count
anti-pop implementations. An audible speaker "pop" can occur when the main power is applied to, or
removed from, the codec or audio output amplifier. In ac coupled systems, the speaker sided of the ac
coupling capacitor is shunted to ground through a transistor or FET; this prevents audible pops when the
system is powering on and off. A 10
µF capacitor on CAP1 provides a delay to hold-off power to the
output stages on power up. A 22
µF capacitor provides reserve power to sustain the output shunting
action until the power has been fully removed on power down. APOP is active logic high during shunting
operations; APOP is at logic low during normal operations.
9. AC TIMING CHARACTERISTICS (Tambient = 25 °C, AVdd = DVdd = 5.0V or 3.3V ± 5%,
AVss=DVss+0V; 50pF external load)
9.1 Cold Reset
Figure 13. Cold Reset
RESET#
BIT_CLK
Tres_low
Trst2clk
Table 23. Cold Reset
Parameter
Symbol
Min
Typ
Max
Units
RESET# active low pulse width
Tres_low
1.0
-
-
us
RESET# inactive to BIT_CLK startup delay
Trst2clk
162.8
-
-
ns
# denotes active low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com