Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9721 Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers

Part # STAC9721
Description  Stereo AC 97 Codec With Multi-Codec Option
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STAC9721 Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button STAC9721 Datasheet HTML 31Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 32Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 33Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 34Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 35Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 36Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 37Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 38Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 39Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
SigmaTel, Inc.
Data Sheet
STAC9721
35
04/07/00
04/07/00
9.4 Data Setup and Hold (50pF external load)
Figure 16. Data Setup and Hold
BIT_CLK
SDATA_IN
SDATA_OUT
SYNC
Tsetup
Thold
Tsetup
Thold
Table 26. Data Setup and Hold
Parameter
Symbol
Min
Typ
Max
Units
Setup to falling edge of BIT_CLK
Tsetup
10
-
-
ns
Hold from falling edge of BIT_CLK
Thold
10
-
-
ns
Note 1: Setup and hold time parameters for SDATA_IN are with respect to the AC'97 controller.
9.5 Signal Rise and Fall Times - (50pF external load; from 10% to 90% of Vdd)
Figure 17. Signal Rise and Fall Times
BIT_CLK
SDATA_IN
Triseclk
Tfallclk
Trisedin
Tfalldin
Table 27. Signal Rise and Fall Times
Parameter
Symbol
Min
Typ
Max
Units
BIT_CLK rise time
Triseclk
2
-
6
ns
BIT_CLK fall time
Tfallclk
2
-
6
ns
SDATA_IN rise time
Trisedin
2
-
6
ns
SDATA_IN fall time
Tfalldin
2
-
6
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com