Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9721 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # STAC9721
Description  Stereo AC 97 Codec With Multi-Codec Option
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STAC9721 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  STAC9721 Datasheet HTML 1Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 2Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 3Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 4Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 5Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 6Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 7Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 8Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
SigmaTel, Inc.
Data Sheet
STAC9721
2
04/07/00
04/07/00
Table of Contents
GENERAL DESCRIPTION:.........................1
TABLE OF CONTENTS................................2
TABLE OF CONTENTS – FIGURES ..........3
1. PIN/SIGNAL DESCRIPTIONS .............7
1.1
DIGITAL I/O
7
1.2
ANALOG I/O
8
1.3
FILTER/REFERENCES/GPIO
9
1.4
POWER AND GROUND SIGNALS 9
2. AC-LINK ................................................10
2.1
CLOCKING
10
2.2
RESET
10
3. DIGITAL INTERFACE........................11
3.1
AC-LINK SERIAL INTERFACE
11
3.2
AC-LINK LOW POWER MODE 18
4. STAC9721/23 MIXER...........................19
4.1
MIXER INPUT
20
4.2
MIXER OUTPUT
20
4.3
PC BEEP IMPLEMENTATION
20
4.4
PROGRAMMING REGISTERS:
21
5. LOW POWER MODES ........................29
6. MULTIPLE CODEC SUPPORT .........31
6.1
PRIMARY/SECONDARY CODEC 31
6.2
SECONDARY CODEC ACCESS
32
7. TESTABILITY ......................................32
8. EXTENDED FUNCTIONALITY ........33
8.1
ANTI-POP CIRCUITRY
33
9. AC TIMING CHARACTERISTICS .33
9.1
COLD RESET
33
9.2
WARM RESET
34
9.3
CLOCKS
34
9.4
DATA SETUP AND HOLD
35
9.5
SIGNAL RISE AND FALL
35
9.6
AC-LINK LOW POWER MODE 36
9.7
ATE TEST MODE
37
10. ELECTRICAL SPECIFICATIONS: ...38
10.1
MAXIMUM RATINGS:
38
10.2
RECOMMENDED CONDITIONS 38
10.3
POWER CONSUMPTION
39
10.4
AC-LINK STATIC DIGITAL
41
10.5
STAC9721 ANALOG
41
10.6
STAC9723 ANALOG
43
APPENDIX A ................................................45
APPENDIX B ................................................46
TABLE of Tables
Table 1. Package Dimensions
4
Table 2. Pin Designation
4
Table 3. Digital Signal List
7
Table 4. Analog Signal List
8
Table 5. Filtering and Voltage References
9
Table 6. Mixer Functional Connections
20
Table 7. Programming Registers
21
Table 8. Play Master Volume Register
22
Table 9. PC_BEEP Register
22
Table 10. Analog Mixer Input Gain Register
23
Table 11. Record Select Control Registers
23
Table 12. Left Record Select Control Registers 23
Table 13. Record Gain Registers
24
Table 14. General Purpose Register
24
Table 15. 3D Control Registers
Error! Bookmark
not defined.
Table 16. Powerdown Status Registers
25
Table 17. Extended Audio ID Functions
26
Table 19: Analog Current Adjust
27
Table 16. Multi-Channel Programming
28
Table 18. Low Power Modes
29
Table 19. Codec ID Selection
31
Table 20. Secondary Codec Register Access
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com