Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32W108CB Datasheet(PDF) 144 Page - STMicroelectronics

Part # STM32W108CB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108CB Datasheet(HTML) 144 Page - STMicroelectronics

Back Button STM32W108CB Datasheet HTML 140Page - STMicroelectronics STM32W108CB Datasheet HTML 141Page - STMicroelectronics STM32W108CB Datasheet HTML 142Page - STMicroelectronics STM32W108CB Datasheet HTML 143Page - STMicroelectronics STM32W108CB Datasheet HTML 144Page - STMicroelectronics STM32W108CB Datasheet HTML 145Page - STMicroelectronics STM32W108CB Datasheet HTML 146Page - STMicroelectronics STM32W108CB Datasheet HTML 147Page - STMicroelectronics STM32W108CB Datasheet HTML 148Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 278 page
background image
Serial interfaces
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
144/278
Doc ID 16252 Rev 14
9.12.9
Serial controller receive DMA counter channel A register
(SCx_DMARXCNTAR)
Address offset: 0xC820 (SC1_DMARXCNTAR) and 0xC020 (SC2_DMARXCNTAR)
Reset value:
0x0000 0000
Reserved, must be kept at reset value
CNT[12:0]:
9.12.10
Serial controller receive DMA count channel B register
(SCx_DMARXCNTBR)
Address offset: 0xC824 (SC1_DMARXCNTBR) and 0xC024 (SC2_DMARXCNTBR)
Reset value:
0x0000 0000
Reserved, must be kept at reset value
CNT[12:0]:
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
CNT[12:0]
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
Bits [31:13]
Bits [12:0]
The offset from the start of DMA receive buffer A at which the next byte is written. This
register is set to zero when the buffer is loaded and when the DMA is reset. If this register is
written when the buffer is not loaded, the buffer is loaded.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
CNT[12:0]
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
Bits [31:13]
Bits [12:0]
The offset from the start of DMA receive buffer B at which the next byte is written. This
register is set to zero when the buffer is loaded and when the DMA is reset. If this register is
written when the buffer is not loaded, the buffer is loaded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com