Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32W108CB Datasheet(PDF) 146 Page - STMicroelectronics

Part # STM32W108CB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108CB Datasheet(HTML) 146 Page - STMicroelectronics

Back Button STM32W108CB Datasheet HTML 142Page - STMicroelectronics STM32W108CB Datasheet HTML 143Page - STMicroelectronics STM32W108CB Datasheet HTML 144Page - STMicroelectronics STM32W108CB Datasheet HTML 145Page - STMicroelectronics STM32W108CB Datasheet HTML 146Page - STMicroelectronics STM32W108CB Datasheet HTML 147Page - STMicroelectronics STM32W108CB Datasheet HTML 148Page - STMicroelectronics STM32W108CB Datasheet HTML 149Page - STMicroelectronics STM32W108CB Datasheet HTML 150Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 278 page
background image
Serial interfaces
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
146/278
Doc ID 16252 Rev 14
9.12.12
Serial controller DMA status register (SCx_DMASR)
Address offset: 0xC82C (SC1_DMASR) and 0xC02C (SC2_DMASR)
Reset value:
0x0000 0000
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
NSSS
FEB
FEA
PEB
PEA
OVRB
OVRA
TX
BACK
TX
AACK
RX
BACK
RX
AACK
r
r
r
r
r
rr
rr
rr
r
r
Bits [31:13] Reserved, must be kept at reset value
Bits [12:10] NSSS:
Status of the receive count saved in SCx_DMARXCNTSAVEDR (SPI slave mode) when
nSSEL deasserts. Cleared when a receive buffer is loaded and when the receive DMA is
reset.
0: No count was saved because nSSEL did not deassert
2: Buffer A's count was saved, nSSEL deasserted once
3: Buffer B's count was saved, nSSEL deasserted once
6: Buffer A's count was saved, nSSEL deasserted more than once
7: Buffer B's count was saved, nSSEL deasserted more than once
1, 4, 5: Reserved, must be kept at reset value
Bit 9 FEB: Frame error B flag
This bit is set when DMA receive buffer B reads a byte with a frame error from the receive
FIFO. It is cleared the next time buffer B is loaded or when the receive DMA is reset.
0: No DMA buffer B frame error
1: DMA buffer B frame error
Note: Not used in SC2
Bit 8 FEA: Frame error A flag
This bit is set when DMA receive buffer A reads a byte with a frame error from the receive
FIFO. It is cleared the next time buffer A is loaded or when the receive DMA is reset.
0: No DMA buffer A frame error
1: DMA buffer A frame error
Note: Not used in SC2
Bit 7 PEB: Parity error B flag
This bit is set when DMA receive buffer B reads a byte with a parity error from the receive
FIFO. It is cleared the next time buffer B is loaded or when the receive DMA is reset.
0: No DMA buffer B parity error
1: DMA buffer B parity error
Note: Not used in SC2
Bit 6 PEA: Parity error A flag
This bit is set when DMA receive buffer A reads a byte with a parity error from the receive
FIFO. It is cleared the next time buffer A is loaded or when the receive DMA is reset.
0: No DMA buffer A parity error
1: DMA buffer A parity error
Note: Not used in SC2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com