Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32W108CB Datasheet(PDF) 148 Page - STMicroelectronics

Part # STM32W108CB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108CB Datasheet(HTML) 148 Page - STMicroelectronics

Back Button STM32W108CB Datasheet HTML 144Page - STMicroelectronics STM32W108CB Datasheet HTML 145Page - STMicroelectronics STM32W108CB Datasheet HTML 146Page - STMicroelectronics STM32W108CB Datasheet HTML 147Page - STMicroelectronics STM32W108CB Datasheet HTML 148Page - STMicroelectronics STM32W108CB Datasheet HTML 149Page - STMicroelectronics STM32W108CB Datasheet HTML 150Page - STMicroelectronics STM32W108CB Datasheet HTML 151Page - STMicroelectronics STM32W108CB Datasheet HTML 152Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 278 page
background image
Serial interfaces
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
148/278
Doc ID 16252 Rev 14
9.12.13
Serial controller DMA control register (SCx_DMACR)
Address offset: 0xC830 (SC1_DMACR) and 0xC030 (SC2_DMACR)
Reset value:
0x0000 0000
Reserved, must be kept at reset value
TXRST:
RXRST:
TXLODB:
TXLODA:
RXLODB:
RXLODA:
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
TXRST
RXRST
TX
LODB
TX
LODA
RX
LODB
RX
LODA
w
w
rw
rw
rw
rw
Bits [31:6]
Bit 5
Setting this bit resets the transmit DMA. This bit clears automatically.
Bit 4
Setting this bit resets the receive DMA. This bit clears automatically.
Bit 3
Setting this bit loads DMA transmit buffer B addresses and allows the DMA controller to start
processing transmit buffer B. If both buffer A and B are loaded simultaneously, buffer A is
used first. This bit is cleared when DMA completes. Writing a zero to this bit has no effect.
Reading this bit returns DMA buffer status:
0: DMA processing is complete or idle
1: DMA processing is active or pending
Bit 2
Setting this bit loads DMA transmit buffer A addresses and allows the DMA controller to start
processing transmit buffer A. If both buffer A and B are loaded simultaneously, buffer A is
used first. This bit is cleared when DMA completes. Writing a zero to this bit has no effect.
Reading this bit returns DMA buffer status:
0: DMA processing is complete or idle
1: DMA processing is active or pending
Bit 1
Setting this bit loads DMA receive buffer B addresses and allows the DMA controller to start
processing receive buffer B. If both buffer A and B are loaded simultaneously, buffer A is used
first. This bit is cleared when DMA completes. Writing a zero to this bit has no effect. Reading
this bit returns DMA buffer status:
0: DMA processing is complete or idle
1: DMA processing is active or pending
Bit 0
Setting this bit loads DMA receive buffer A addresses and allows the DMA controller to start
processing receive buffer A. If both buffer A and B are loaded simultaneously, buffer A is used
first. This bit is cleared when DMA completes. Writing a zero to this bit has no effect. Reading
this bit returns DMA buffer status:
0: DMA processing is complete or idle
1: DMA processing is active or pending



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com