Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32W108CB Datasheet(PDF) 147 Page - STMicroelectronics

Part # STM32W108CB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108CB Datasheet(HTML) 147 Page - STMicroelectronics

Back Button STM32W108CB Datasheet HTML 143Page - STMicroelectronics STM32W108CB Datasheet HTML 144Page - STMicroelectronics STM32W108CB Datasheet HTML 145Page - STMicroelectronics STM32W108CB Datasheet HTML 146Page - STMicroelectronics STM32W108CB Datasheet HTML 147Page - STMicroelectronics STM32W108CB Datasheet HTML 148Page - STMicroelectronics STM32W108CB Datasheet HTML 149Page - STMicroelectronics STM32W108CB Datasheet HTML 150Page - STMicroelectronics STM32W108CB Datasheet HTML 151Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 278 page
background image
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
Serial interfaces
Doc ID 16252 Rev 14
147/278
Bit 5 OVRB: DMA buffer B overrun flag
This bit is set when DMA receive buffer B is passed an overrun error from the receive FIFO.
Neither receive buffer is capable of accepting any more bytes (unloaded), and the FIFO fills
up. Buffer B is the next buffer to load, and when it drains the FIFO the overrun error is passed
up to the DMA and flagged with this bit. It is cleared the next time buffer B is loaded and when
the receive DMA is reset.
0: No DMA receive buffer B overrun
1: DMA receive buffer B overrun
Bit 4 OVRA: DMA buffer A overrun flag
This bit is set when DMA receive buffer A is passed an overrun error from the receive FIFO.
Neither receive buffer is capable of accepting any more bytes (unloaded), and the FIFO fills
up. Buffer A is the next buffer to load, and when it drains the FIFO the overrun error is passed
up to the DMA and flagged with this bit. It is cleared the next time buffer A is loaded and when
the receive DMA is reset.
0: No DMA receive buffer A overrun
1: DMA receive buffer A overrun
Bit 3 TXBACK: DMA transmit buffer B acknowledge flag
This bit is set/reset by hardware when DMA transmit buffer B is active.
0: DMA transmit buffer B not active
1: DMA transmit buffer B active
Bit 2 TXAACK: DMA transmit buffer A acknowledge flag
This bit is set/reset by hardware when DMA transmit buffer A is active.
0: DMA transmit buffer A not active
1: DMA transmit buffer A active
Bit 1 RXBACK: DMA receive buffer B acknowledge flag
This bit is set/reset by hardware when DMA receive buffer B is active.
0: DMA receive buffer B not active
1: DMA receive buffer B active
Bit 0 RXBACK: DMA receive buffer A acknowledge flag
This bit is set/reset by hardware when DMA receive buffer A is active.
0: DMA receive buffer B not active
1: DMA receive buffer B active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com