Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BT818Q-R Datasheet(PDF) 19 Page - Bridgetek Pte Ltd.

Part # BT818Q-R
Description  Advanced Embedded Video Engine Datasheet
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

BT818Q-R Datasheet(HTML) 19 Page - Bridgetek Pte Ltd.

Back Button BT818Q-R Datasheet HTML 15Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 16Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 17Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 18Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 19Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 20Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 21Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 22Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 23Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 59 page
background image
Copyright © Bridgetek Pte Ltd
19
BT817/8 Advanced Embedded Video Engine Datasheet
Version 1.1
Document No.: BRT_000302 Clearance No.: BRT#154
4.2.4
Clock Frequency
By default the system clock is running at 60MHz when the input clock is 12MHz. The host is allowed to
switch the system clock to other frequencies by the host command “CLKSEL”. The clock switching
command shall be sent in SLEEP mode only.
After the chip is put into Active mode, software shall update the REG_FREQUENCY value to align with the
chosen system clock frequency by CLKSEL command, if the default 60MHz is changed.
4.3 Graphics Engine
4.3.1
Introduction
The graphics engine executes the display list once for every horizontal line. It executes the primitive
objects in the display list and constructs the display line buffer. The horizontal pixel content in the line
buffer is updated if the object is visible at the horizontal line.
Main features of the graphics engine are:
The primitive objects supported by the graphics processor are: lines, points, rectangles,
bitmaps (comprehensive set of formats), text display, plotting bar graph, edge strips, and line
strips, etc.
Operations such as stencil test, alpha blending and masking are useful for creating a rich set
of effects such as shadows, transitions, reveals, fades and wipes.
Anti-aliasing of the primitive objects (except bitmaps) gives a smoothing effect to the viewer.
Bitmap transformations enable operations such as translate, scale and rotate.
Display pixels are plotted with 1/16th pixel precision.
Four levels of graphics states
Tag buffer detection
The graphics engine also supports customized built-in widgets and functionalities such as ASTC
decode, jpeg decode, screen saver, calibration etc. The graphics engine interprets commands from the
MPU host via a 4 Kbyte FIFO in the BT817/8 memory at RAM_CMD. The MPU/MCU writes commands
into the FIFO, and the graphics engine reads and executes the commands. The MPU/MCU updates the
register REG_CMD_WRITE to indicate that there are new commands in the FIFO, and the graphics
engine updates REG_CMD_READ after commands have been executed.
Main features supported are:
Drawing of widgets such as buttons, clock, keys, gauges, text displays, progress bars, sliders,
toggle switches, dials, gradients, etc.
JPEG and motion-JPEG decode
Inflate functionality (zlib inflate is supported)
Timed interrupt (generate an interrupt to the host processor after a specified number of
milliseconds)
In-built animated functionalities such as displaying logo, calibration, spinner, screen saver and
sketch
Snapshot feature to capture the current graphics display
For
a
complete
list
of
graphics
engine
display
commands
and
widgets
refer
to
BT81X_Series_Programming_Guide, Chapter 4.
4.3.2
ASTC
ASTC stands for Adaptive Scalable Texture Compression, an open standard developed by ARM for use
in mobile GPUs.
ASTC is a block-based lossy compression format. The compressed image is divided into a number of
blocks of uniform size, which makes it possible to quickly determine which block a given texel (unit of
a texture map) resides in. Each block has a fixed memory footprint of 128 bits, but these bits can
represent varying numbers of texels (the block footprint).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com