Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BT818Q-R Datasheet(PDF) 15 Page - Bridgetek Pte Ltd.

Part # BT818Q-R
Description  Advanced Embedded Video Engine Datasheet
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

BT818Q-R Datasheet(HTML) 15 Page - Bridgetek Pte Ltd.

Back Button BT818Q-R Datasheet HTML 11Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 12Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 13Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 14Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 15Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 16Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 17Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 18Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 19Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 59 page
background image
Copyright © Bridgetek Pte Ltd
15
BT817/8 Advanced Embedded Video Engine Datasheet
Version 1.1
Document No.: BRT_000302 Clearance No.: BRT#154
1st Byte
2nd byte
3rd byte
Command
Description
01000011b
01010000b
00000000b
00000000b
43h/50h
PWRDOWN
Switch off 1.2V core voltage to the
digital core circuits. Clock, PLL and
Oscillator off. SPI is alive. ACTIVE
command to wake up.
Clock and Reset
01000100b
00000000b
00000000b
44h
CLKEXT
Select PLL input from external crystal
oscillator. No effect if external clock is
already selected, otherwise a system
reset will be generated
01100001b
01100010b
xx
00000000b
61h/62h
CLKSEL
Select the system clock frequency. Note
that software shall also update the
register value for REG_FREQUENCY to
align with system clock selected.
This command will only be effective
when the PLL is stopped (SLEEP mode).
For compatibility to FT800/FT801, set
Byte2 to 0x00. This will set the PLL clock
back to default (60 MHz).
Byte2
[5:0]
sets the clock frequency
0
Set to default clock speed
1
Reserved
2 to 6
2 to 6 times the osc
frequency (i.e. 24 to 72MHz
with 12MHz oscillator)
Byte2
[7:6]
sets the PLL range
0
When Byte2[5:0] = 0, 2, 3
1
When Byte2[5:0] = 4, 5, 6
01101000b
00000000b
00000000b
68h
RST_PULSE
Send reset pulse to BT817/8 core. The
behaviour is the same as POR except
that settings done through SPI
commands will not be affected
Configuration
01110000b
xx
00000000b
70h
PINDRIVE
This will set the drive strength for
various
pins.
For
FT800/FT801
compatibility, by default those settings
are from the GPIO registers. BT817/8
supports setting the drive strength via
SPI command instead.
When PINDRIVE for a pin from the SPI
command is not updated, the drive
strength will be determined by its
corresponding GPIO register bits, if they
exist. If they don’t exist, a hard coded
setting is used. Please refer to Table
4-23 for default values.
When PINDRIVE for a pin from the SPI
command is updated, it will override the
corresponding
setting
in
the
GPIO
register bits.
Byte2 determines which pin and the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com